Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 188 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 188 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 184Page - Microchip Technology LAN9250 Datasheet HTML 185Page - Microchip Technology LAN9250 Datasheet HTML 186Page - Microchip Technology LAN9250 Datasheet HTML 187Page - Microchip Technology LAN9250 Datasheet HTML 188Page - Microchip Technology LAN9250 Datasheet HTML 189Page - Microchip Technology LAN9250 Datasheet HTML 190Page - Microchip Technology LAN9250 Datasheet HTML 191Page - Microchip Technology LAN9250 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 421 page
background image
LAN9250
DS00001913A-page 188
 2015 Microchip Technology Inc.
2
Flow Control on Broadcast Frame (FCBRD)
When this bit is set, the Host MAC will assert back pressure when the AFC
level is reached and a broadcast frame is received. This field has no function
in full-duplex mode.
0: Flow Control on Broadcast Frame Disabled
1: Flow Control on Broadcast Frame Enabled
R/W
0b
1
Flow Control on Address Decode (FCADD)
When this bit is set, the Host MAC will assert back pressure when the AFC
level is reached and a frame addressed to the Host MAC is received. This
field has no function in full-duplex mode.
0: Flow Control on Address Decode Disabled
1: Flow Control on Address Decode Enabled
R/W
0b
0
Flow Control on Any Frame (FCANY)
When this bit is set, the Host MAC will assert back pressure, or transmit a
pause frame when the AFC level is reached and any frame is received. Set-
ting this bit enables full-duplex flow control when the Host MAC is operating
in full-duplex mode.
When this mode is enabled during half-duplex operation, the Flow Controller
does not decode the Host MAC address and will send a JAM upon receipt of
a valid preamble (i.e., immediately at the beginning of the next frame after the
RX Data FIFO level is reached).
When this mode is enabled during full-duplex operation, the Flow Controller
will immediately instruct the Host MAC to send a pause frame when the RX
Data FIFO level is reached. The MAC will queue the pause frame transmis-
sion for the next available window.
Setting this bit overrides bits [3:1] of this register.
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com