Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 192 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 192 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 188Page - Microchip Technology LAN9250 Datasheet HTML 189Page - Microchip Technology LAN9250 Datasheet HTML 190Page - Microchip Technology LAN9250 Datasheet HTML 191Page - Microchip Technology LAN9250 Datasheet HTML 192Page - Microchip Technology LAN9250 Datasheet HTML 193Page - Microchip Technology LAN9250 Datasheet HTML 194Page - Microchip Technology LAN9250 Datasheet HTML 195Page - Microchip Technology LAN9250 Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 421 page
background image
LAN9250
DS00001913A-page 192
 2015 Microchip Technology Inc.
11.15 Host MAC Control and Status Registers
This section details the indirectly addressable Host MAC System CSRs. These registers are located in the Host MAC
and are accessed indirectly via the system CSRs. Table 11-17 lists Host MAC registers that are accessible through the
indexing method using the Host MAC CSR Interface Command Register (MAC_CSR_CMD) and Host MAC CSR Inter-
face Data Register (MAC_CSR_DATA).
The Host MAC registers allow configuration of the various Host MAC parameters including the Host MAC address, flow
control, multicast hash table, and wake-up configuration. The Host MAC CSRs also provide serial access to the PHY
via the registers HMAC_MII_ACC and HMAC_MII_DATA. These registers allow access to the 10/100 Ethernet PHY reg-
isters.
TABLE 11-17: HOST MAC ADDRESSABLE REGISTERS
Address
(Indirect)
Register Name (SYMBOL)
00h
Reserved for Future Use (RESERVED)
01h
Host MAC Control Register (HMAC_CR)
02h
Host MAC Address High Register (HMAC_ADDRH)
03h
Host MAC Address Low Register (HMAC_ADDRL)
04h
Host MAC Multicast Hash Table High Register (HMAC_HASHH)
05h
Host MAC Multicast Hash Table Low Register (HMAC_HASHL)
06h
Host MAC MII Access Register (HMAC_MII_ACC)
07h
Host MAC MII Data Register (HMAC_MII_DATA)
08h
Host MAC Flow Control Register (HMAC_FLOW)
09h
Host MAC VLAN1 Tag Register (HMAC_VLAN1)
0Ah
Host MAC VLAN2 Tag Register (HMAC_VLAN2)
0Bh
Host MAC Wake-up Frame Filter Register (HMAC_WUFF)
0Ch
Host MAC Wake-up Control and Status Register (HMAC_WUCSR)
0Dh
Host MAC Checksum Offload Engine Control Register (HMAC_COE_CR)
0Eh
Host MAC EEE Time Wait TX System Register (HMAC_EEE_TW_TX_SYS)
0Fh
Host MAC EEE TX LPI Request Delay Register (HMAC_EEE_TX_LPI_REQ_DELAY)
10h-FFh
Reserved for Future Use (RESERVED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com