Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 194 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 194 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 190Page - Microchip Technology LAN9250 Datasheet HTML 191Page - Microchip Technology LAN9250 Datasheet HTML 192Page - Microchip Technology LAN9250 Datasheet HTML 193Page - Microchip Technology LAN9250 Datasheet HTML 194Page - Microchip Technology LAN9250 Datasheet HTML 195Page - Microchip Technology LAN9250 Datasheet HTML 196Page - Microchip Technology LAN9250 Datasheet HTML 197Page - Microchip Technology LAN9250 Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 421 page
background image
LAN9250
DS00001913A-page 194
 2015 Microchip Technology Inc.
17
Inverse filtering (INVFILT)
When set, the address check function operates in inverse filtering mode. This
is valid only during Perfect filtering mode. Refer to Section 11.4.4, "Inverse
Filtering," on page 143 for additional information.
R/W
0b
16
Pass Bad Frames (PASSBAD)
When set, all incoming frames that passed address filtering are received,
including runt frames and collided frames. Refer to Section 11.4, "Address
Filtering," on page 142 for additional information.
R/W
0b
15
Hash Only Filtering mode (HO)
When set, the address check Function operates in the Imperfect address fil-
tering mode for both physical and multicast addresses. Refer to Section
11.4.2, "Hash Only Filtering," on page 143 for additional information.
R/W
0b
14
RESERVED
RO
-
13
Hash/Perfect Filtering Mode (HPFILT)
When cleared (0), the device will implement a perfect address filter on incom-
ing frames according the address specified in the Host MAC address regis-
ters (Host MAC Address High Register (HMAC_ADDRH) and Host MAC
Address Low Register (HMAC_ADDRL)).
When set (1), the address check function performs imperfect address filtering
of multicast incoming frames according to the hash table specified in the mul-
ticast hash table register. If the Hash Only Filtering mode (HO) bit 15 is set,
then the physical (IA) addresses are also imperfect filtered. If the Hash Only
Filtering mode (HO) bit is cleared, then the IA addresses are perfect address
filtered according to the MAC Address register Refer to Section 11.4.3, "Hash
Perfect Filtering," on page 143 for additional information.
R/W
0b
12
RESERVED
RO
0b
11
Disable Broadcast Frames (BCAST)
When set, disables the reception of broadcast frames. When cleared, for-
wards all broadcast frames to the application.
Note:
When wake-up frame detection is enabled via the WUEN bit of the
Host MAC Wake-up Control and Status Register (HMAC_WUCSR),
a broadcast wake-up frame will wake-up the device despite the
state of this bit.
R/W
0b
10
Disable Retry (DISRTY)
When set, the Host MAC attempts only one transmission. When a collision is
seen on the network, the Host MAC ignores the current frame and goes to
the next frame and a retry error is reported in the Transmit status. When
reset, the Host MAC attempts 16 transmissions before signaling a retry error.
R/W
0b
9
RESERVED
RO
-
8
Automatic Pad Stripping (PADSTR)
When set, the Host MAC strips the pad field on all incoming frames, if the
length field is less than 46 bytes. The FCS field is also stripped, since it is
computed at the transmitting station based on the data and pad field charac-
ters, and is invalid for a received frame that has had the pad characters
stripped. Receive frames with a 46-byte or greater length field are passed to
the application unmodified (FCS is not stripped). When cleared, the Host
MAC passes all incoming frames to the host unmodified.
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com