Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 195 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 195 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 191Page - Microchip Technology LAN9250 Datasheet HTML 192Page - Microchip Technology LAN9250 Datasheet HTML 193Page - Microchip Technology LAN9250 Datasheet HTML 194Page - Microchip Technology LAN9250 Datasheet HTML 195Page - Microchip Technology LAN9250 Datasheet HTML 196Page - Microchip Technology LAN9250 Datasheet HTML 197Page - Microchip Technology LAN9250 Datasheet HTML 198Page - Microchip Technology LAN9250 Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 195
LAN9250
7:6
BackOff Limit (BOLMT)
The BOLMT bits allow the user to set the back-off limit in a relaxed or aggres-
sive mode. According to IEEE 802.3, the Host MAC has to wait for a random
number [r] of slot-times (see note) after it detects a collision, where:
(eq.1)0 < r < 2K
The exponent K is dependent on how many times the current frame to be
transmitted has been retried, as follows:
(eq.2)K = min (n, 10) where n is the current number of retries.
If a frame has been retried three times, then K = 3 and r= 8 slot-times maxi-
mum. If it has been retried 12 times, then K = 10, and r = 1024 slot-times
maximum.
An LFSR (linear feedback shift register) 20-bit counter emulates a 20 bit ran-
dom number generator, from which r is obtained. Once a collision is detected,
the number of the current retry of the current frame is used to obtain K (eq.2).
This value of K translates into the number of bits to use from the LFSR
counter. If the value of K is 3, the Host MAC takes the value in the first three
bits of the LFSR counter and uses it to count down to zero on every slot-time.
This effectively causes the Host MAC to wait eight slot-times. To give the
user more flexibility, the BOLMT value forces the number of bits to be used
from the LFSR counter to a predetermined value as in the table below.
Thus, if the value of K = 10, the Host MAC will look at the BOLMT if it is 00b, then
use the lower ten bits of the LFSR counter for the wait countdown. If the BOLMT is
10b, then it will only use the value in the first four bits for the wait countdown, etc.
Note:
Slot-time = 512 bit times. (See IEEE 802.3 Spec., sections 4.2.3.25
and 4.4.2.1)
R/W
0b
5
Deferral Check (DFCHK)
When set, enables the deferral check in the Host MAC. The Host MAC will
abort the transmission attempt if it has deferred for more than 24,288 bit
times. Deferral starts when the transmitter is ready to transmit, but is pre-
vented from doing so because the CRS is active. Deferral time is not cumula-
tive. If the transmitter defers for 10,000 bit times, then transmits, collides,
backs off, and then has to defer again after completion of back-off, the defer-
ral timer resets to 0 and restarts. When this bit is cleared, the deferral check
is disabled in the Host MAC and the Host MAC defers indefinitely.
R/W
0b
4
RESERVED
RO
-
3
Transmitter enable (TXEN)
When set, the Host MAC’s transmitter is enabled and it will transmit frames
from the buffer.
When cleared, the Host MAC’s transmitter is disabled and will not transmit
any frames.
R/W
0b
2
Receiver Enable (RXEN)
When set, the Host MAC’s receiver is enabled and will receive frames.
When cleared, the MAC’s receiver is disabled and will not receive any
frames.
R/W
0b
Bits
Description
Type
Default
BOLMT Value
# Bits Used from LFSR Counter
00b
10
01b
8
10b
4
11b
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com