Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 191 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 191 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 187Page - Microchip Technology LAN9250 Datasheet HTML 188Page - Microchip Technology LAN9250 Datasheet HTML 189Page - Microchip Technology LAN9250 Datasheet HTML 190Page - Microchip Technology LAN9250 Datasheet HTML 191Page - Microchip Technology LAN9250 Datasheet HTML 192Page - Microchip Technology LAN9250 Datasheet HTML 193Page - Microchip Technology LAN9250 Datasheet HTML 194Page - Microchip Technology LAN9250 Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 191
LAN9250
11.14.13 HOST MAC TX LPI TRANSITIONS REGISTER (HMAC_TX_LPI_TRANSITION)
This register indicates the total number of times TX LPI request to the PHY changed from de-asserted to asserted.
11.14.14 HOST MAC TX LPI TIME REGISTER (HMAC_TX_LPI_TIME)
This register shows the total duration that TX LPI request to the PHY has been asserted.
Offset:
0B8h
Size:
32 bits
Bits
Description
Type
Default
31:0
EEE TX LPI Transitions
Count of total number of times the TX LPI request to the PHY changed from
de-asserted to asserted.
The counter is reset if the Host MAC Energy Efficient Ethernet
(HMAC_EEE_ENABLE) bit in the Host MAC Control Register (HMAC_CR) is
low.
RO
00000000h
Offset:
0BCh
Size:
32 bits
Bits
Description
Type
Default
31:0
EEE TX LPI Time
This field shows the total duration, in us, that TX LPI request to the PHY has
been asserted.
The counter is reset if the Host MAC Energy Efficient Ethernet
(HMAC_EEE_ENABLE) bit in the Host MAC Control Register (HMAC_CR) is
low.
RO
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com