Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 189 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 189 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 185Page - Microchip Technology LAN9250 Datasheet HTML 186Page - Microchip Technology LAN9250 Datasheet HTML 187Page - Microchip Technology LAN9250 Datasheet HTML 188Page - Microchip Technology LAN9250 Datasheet HTML 189Page - Microchip Technology LAN9250 Datasheet HTML 190Page - Microchip Technology LAN9250 Datasheet HTML 191Page - Microchip Technology LAN9250 Datasheet HTML 192Page - Microchip Technology LAN9250 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 189
LAN9250
Note:
Backpressure Duration is timed from when the RX FIFO reaches the level set in Automatic Flow Control
High Level (AFC_HI), regardless when actual backpressure occurs.
TABLE 11-16: BACKPRESSURE DURATION BIT MAPPING
Backpressure Duration
[7:4]
100Mbs Mode
10Mbs Mode
0h
5 us
7.2 us
1h
10 us
12.2 us
2h
15 us
17.2 us
3h
25 us
27.2 us
4h
50 us
52.2 us
5h
100 us
102.2 us
6h
150 us
152.2 us
7h
200 us
202.2 us
8h
250 us
252.2 us
9h
300 us
302.2 us
Ah
350 us
352.2 us
Bh
400 us
402.2 us
Ch
450 us
452.2 us
Dh
500 us
502.2 us
Eh
550 us
552.2 us
Fh
600 us
602.2 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com