Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 199 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 199 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 195Page - Microchip Technology LAN9250 Datasheet HTML 196Page - Microchip Technology LAN9250 Datasheet HTML 197Page - Microchip Technology LAN9250 Datasheet HTML 198Page - Microchip Technology LAN9250 Datasheet HTML 199Page - Microchip Technology LAN9250 Datasheet HTML 200Page - Microchip Technology LAN9250 Datasheet HTML 201Page - Microchip Technology LAN9250 Datasheet HTML 202Page - Microchip Technology LAN9250 Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 199
LAN9250
11.15.4
HOST MAC MULTICAST HASH TABLE HIGH REGISTER (HMAC_HASHH)
The 64-bit Multicast table is used for group address filtering. For hash filtering, the contents of the destination address
in the incoming frame is used to index the contents of the Hash table. The most significant bit determines the register
to be used (Hi/Low), while the other five bits determine the bit within the register. A value of 00000 selects Bit 0 of the
Multicast Hash Table Lo register and a value of 11111 selects the Bit 31 of the Multicast Hash Table Hi register.
If the corresponding bit is 1, then the multicast frame is accepted. Otherwise, it is rejected. If the “Pass All Multicast” (MCPAS)
bit of the Host MAC Control Register (HMAC_CR) is set, then all multicast frames are accepted regardless of the multicast
hash values.
The Multicast Hash Table High register contains the higher 32 bits of the hash table and the Multicast Hash Table Low
register contains the lower 32 bits of the hash table. Refer to Section 11.4, "Address Filtering," on page 142 for more
information on address filtering.
11.15.5
HOST MAC MULTICAST HASH TABLE LOW REGISTER (HMAC_HASHL)
This read/write register defines the lower 32-bits of the Multicast Hash Table. Please refer to the Host MAC Multicast
Hash Table High Register (HMAC_HASHH) and Section 11.4, "Address Filtering," on page 142 for more information.
Offset:
04h
Size:
32 bits
Bits
Description
Type
Default
31:0
Upper 32-bits of the 64-bit Hash Table
R/W
00000000h
Offset:
05h
Size:
32 bits
Bits
Description
Type
Default
31:0
Lower 32-bits of the 64-bit Hash Table
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com