Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 198 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 198 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 194Page - Microchip Technology LAN9250 Datasheet HTML 195Page - Microchip Technology LAN9250 Datasheet HTML 196Page - Microchip Technology LAN9250 Datasheet HTML 197Page - Microchip Technology LAN9250 Datasheet HTML 198Page - Microchip Technology LAN9250 Datasheet HTML 199Page - Microchip Technology LAN9250 Datasheet HTML 200Page - Microchip Technology LAN9250 Datasheet HTML 201Page - Microchip Technology LAN9250 Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 421 page
background image
LAN9250
DS00001913A-page 198
 2015 Microchip Technology Inc.
11.15.3
HOST MAC ADDRESS LOW REGISTER (HMAC_ADDRL)
This read/write register contains the lower 32-bits of the physical address of the Host MAC. The contents of this register
are optionally loaded from the EEPROM at power-on through the EEPROM Loader if a programmed EEPROM is
detected. The least significant byte of this register (bits [7:0]) is loaded from address 01h of the EEPROM. The most
significant byte of this register is loaded from address 04h of the EEPROM. Section 11.9, "Host MAC Address," on
page 156 details the byte ordering of the HMAC_ADDRL and HMAC_ADDRH registers with respect to the reception of
the Ethernet physical address. Please refer to Section 13.4, "EEPROM Loader," on page 290 for more information on
the EEPROM Loader.
This register used to specify the address used for Perfect DA, Magic Packet and Wakeup frames, the unicast destination
address for received pause frames, and the source address for transmitted pause frames. This register is not used for
packet filtering.
Offset:
03h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Physical Address [31:0]
This field contains the lower 32-bits (31:0) of the Physical Address of the
Host MAC. The content of this field is undefined until loaded from the
EEPROM at power-on. The host can update the contents of this field after the
initialization process has completed.
R/W
FFFFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com