Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 202 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 202 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 198Page - Microchip Technology LAN9250 Datasheet HTML 199Page - Microchip Technology LAN9250 Datasheet HTML 200Page - Microchip Technology LAN9250 Datasheet HTML 201Page - Microchip Technology LAN9250 Datasheet HTML 202Page - Microchip Technology LAN9250 Datasheet HTML 203Page - Microchip Technology LAN9250 Datasheet HTML 204Page - Microchip Technology LAN9250 Datasheet HTML 205Page - Microchip Technology LAN9250 Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 421 page
background image
LAN9250
DS00001913A-page 202
 2015 Microchip Technology Inc.
11.15.8
HOST MAC FLOW CONTROL REGISTER (HMAC_FLOW)
This read/write register controls the generation and reception of the Control (Pause command) frames by the Host
MAC’s flow control block. The control frame fields are selected as specified in the 802.3 Specification and the Pause-
Time value from this register is used in the “Pause Time” field of the control frame. In full-duplex mode the FCBSY bit
is set until the control frame is completely transferred. The host has to make sure that the FCBSY bit is cleared before
writing the register. The Pass Control Frame bit (FCPASS) does not affect the sending of the frames, including Control
Frames, to the host. The Flow Control Enable (FCEN) bit enables the receive portion of the Flow Control block.
This register is used in conjunction with the Host MAC Automatic Flow Control Configuration Register (AFC_CFG) in
the System CSRs to configure flow control. Software flow control is initiated using the AFC_CFG register.
The Host MAC will not transmit pause frames or assert back pressure if the transmitter is disabled.
Offset:
08h
Size:
32 bits
Bits
Description
Type
Default
31:16
Pause Time (FCPT)
This field indicates the value to be used in the PAUSE TIME field in the con-
trol frame. This field must be initialized before full-duplex automatic flow con-
trol is enabled.
R/W
0000h
15:3
RESERVED
RO
-
2
Pass Control Frames (FCPASS)
When set, the Host MAC sets the packet filter bit in the receive packet status
to indicate to the application that a valid pause frame has been received. The
application must accept or discard a received frame based on the packet fil-
ter control bit. The Host MAC receives, decodes and performs the Pause
function when a valid Pause frame is received in Full-Duplex mode and when
flow control is enabled (FCE bit set). When this bit is cleared, the Host MAC
resets the Packet Filter bit in the Receive packet status.
The Host MAC always passes the data of all frames it receives (including
flow control frames) to the application. Frames that do not pass address filter-
ing, as well as frames with errors, are passed to the application. The applica-
tion must discard or retain the received frame’s data based on the received
frame’s STATUS field. Filtering modes (promiscuous mode, for example) take
precedence over the FCPASS bit.
R/W
0b
1
Flow Control Enable (FCEN)
When set, enables the Host MAC flow control function. The Host MAC
decodes all incoming frames for control frames; if it receives a valid control
frame (PAUSE command), it disables the transmitter for a specified time
(Decoded pause time x slot time). When this bit is cleared, the Host MAC
flow control function is disabled; the MAC does not decode frames for control
frames.
Note:
Flow Control is applicable when the Host MAC is set in full duplex
mode. In half-duplex mode, this bit enables the backpressure
function to control the flow of received frames to the Host MAC.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com