Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 205 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 205 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 201Page - Microchip Technology LAN9250 Datasheet HTML 202Page - Microchip Technology LAN9250 Datasheet HTML 203Page - Microchip Technology LAN9250 Datasheet HTML 204Page - Microchip Technology LAN9250 Datasheet HTML 205Page - Microchip Technology LAN9250 Datasheet HTML 206Page - Microchip Technology LAN9250 Datasheet HTML 207Page - Microchip Technology LAN9250 Datasheet HTML 208Page - Microchip Technology LAN9250 Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 205
LAN9250
11.15.11 HOST MAC WAKE-UP FRAME FILTER REGISTER (HMAC_WUFF)
This write-only register is used to configure the wake-up frame filter. Refer to Section 11.6.3, "Wake-up Frame Detec-
tion," on page 145 for additional information.
Offset:
0Bh
Size:
32 bits
Bits
Description
Type
Default
31:0
Wake-Up Frame Filter (WFF)
The Wake-up frame filter is configured through this register using an indexing
mechanism. After power-on reset, digital reset, or Host MAC reset, the Host
MAC loads the first value written to this location to the first DWORD in the
Wake-up frame filter (filter 0 byte mask 0). The second value written to this
location is loaded to the second DWORD in the wake-up frame filter (filter 0
byte mask 1) and so on. Once all 40 DWORDs have been written, the inter-
nal pointer will once again point to the first entry and the filter entries can be
modified in the same manner. Similarly, 40 DWORDs can be read sequen-
tially to obtain the values stored in the WFF. Please refer to Section 11.6.3,
"Wake-up Frame Detection," on page 145 for further information.
Note:
This register should be read and written using 40 consecutive
DWORD operations. Failure to read or write the entire contents of
the WFF may cause the internal read/write pointers to be left in a
position other than pointing to the first entry. A mechanism for
resetting the internal pointers to the beginning of the WFF is
available via the WFF Pointer Reset (WFF_PTR_RST) bit of the
Host MAC Wake-up Control and Status Register (HMAC_WUCSR).
This mechanism enables the application program to re-synchronize
with the internal WFF pointers if it has not previously read/written
the complete contents of the WFF.
R/W
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com