Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 206 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 206 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 202Page - Microchip Technology LAN9250 Datasheet HTML 203Page - Microchip Technology LAN9250 Datasheet HTML 204Page - Microchip Technology LAN9250 Datasheet HTML 205Page - Microchip Technology LAN9250 Datasheet HTML 206Page - Microchip Technology LAN9250 Datasheet HTML 207Page - Microchip Technology LAN9250 Datasheet HTML 208Page - Microchip Technology LAN9250 Datasheet HTML 209Page - Microchip Technology LAN9250 Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 421 page
background image
LAN9250
DS00001913A-page 206
 2015 Microchip Technology Inc.
11.15.12 HOST MAC WAKE-UP CONTROL AND STATUS REGISTER (HMAC_WUCSR)
This read/write register contains data and control settings pertaining to the Host MAC’s remote wake-up status and
capabilities. It is used in conjunction with the Host MAC Wake-up Frame Filter Register (HMAC_WUFF) to fully configure
the wake-up frame filter. Refer to Section 11.6.3, "Wake-up Frame Detection," on page 145 for additional information.
Offset:
0Ch
Size:
32 bits
Bits
Description
Type
Default
31
WFF Pointer Reset (WFF_PTR_RST)
This self-clearing bit resets the Wakeup Frame Filter (WFF) internal read and
write pointers to the beginning of the WFF.
SC
0b
30:10
RESERVED
RO
-
9
Global Unicast Enable (GUE)
When set, the Host MAC wakes up from power-saving mode on receipt of a
global unicast frame. This is accomplished by enabling global unicasts as a
wakeup frame qualifier. A global unicast frame has the MAC Address [0] bits
set to 0.
Note:
The Wake-Up Frame Enable (WUEN) bit of this register must also
be set to enable wakeup.
R/W
0b
8
WoL Wait for Sleep (WOL_WAIT_SLEEP)
When set, the WoL functions are not active until the device has entered a
sleep state. When clear, WoL functions are active immediately.
R/W
0b
7
Perfect DA Frame Received (PFDA_FR)
The MAC sets this bit upon receiving a valid frame with a destination address
that matches the physical address.
R/WC
0b
6
Remote Wake-Up Frame Received (WUFR)
The Host MAC sets this bit upon receiving a valid Remote Wake-up frame.
R/WC
0b
5
Magic Packet Received (MPR)
The Host MAC sets this bit upon receiving a valid Magic Packet
R/WC
0b
4
Broadcast Frame Received (BCAST_FR)
The MAC sets this bit upon receiving a valid broadcast frame.
R/WC
0b
3
Perfect DA Wakeup Enable (PFDA_EN)
When set, remote wakeup mode is enabled and the MAC is capable of wak-
ing up on receipt of a frame with a destination address that matches the
physical address of the device. The physical address is stored in the Host
MAC Address High Register (HMAC_ADDRH) and Host MAC Address Low
Register (HMAC_ADDRL).
R/W
0b
2
Wake-Up Frame Enable (WUEN)
When set, Remote Wake-Up mode is enabled and the Host MAC is capable
of detecting wake-up frames as programmed in the Host MAC Wake-up
Frame Filter Register (HMAC_WUFF).
R/W
0b
1
Magic Packet Enable (MPEN)
When set, Magic Packet Wake-up mode is enabled.
R/W
0b
0
Broadcast Wakeup Enable (BCST_EN)
When set, remote wakeup mode is enabled and the MAC is capable of wak-
ing up from a broadcast frame.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com