Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 207 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 207 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 203Page - Microchip Technology LAN9250 Datasheet HTML 204Page - Microchip Technology LAN9250 Datasheet HTML 205Page - Microchip Technology LAN9250 Datasheet HTML 206Page - Microchip Technology LAN9250 Datasheet HTML 207Page - Microchip Technology LAN9250 Datasheet HTML 208Page - Microchip Technology LAN9250 Datasheet HTML 209Page - Microchip Technology LAN9250 Datasheet HTML 210Page - Microchip Technology LAN9250 Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 207
LAN9250
11.15.13 HOST MAC CHECKSUM OFFLOAD ENGINE CONTROL REGISTER (HMAC_COE_CR)
This register controls the RX and TX checksum offload engines.
Offset:
0Dh
Size:
32 bits
Bits
Description
Type
Default
31:17
RESERVED
RO
-
16
TX Checksum Offload Engine Enable (TX_COE_EN)
TX_COE_EN may only be changed if the TX path is disabled. If it is desired
to change this value during run time, it is safe to do so only after the Host
MAC is disabled and the TLI is empty.
0 = The TXCOE is bypassed
1 = The TXCOE is enabled
R/W
0b
15:2
RESERVED
RO
-
1
RX Checksum Offload Engine Mode (RX_COE_MODE)
This register indicates whether the COE will check for VLAN tags or a SNAP
header prior to beginning its checksum calculation. In its default mode, the
calculation will always begin 14 bytes into the frame.
RX_COE_MODE may only be changed if the RX path is disabled. If it is
desired to change this value during run time, it is safe to do so only after the
Host MAC is disabled and the TLI is empty.
0 = Begin checksum calculation after first 14 bytes of Ethernet Frame
1 = Begin checksum calculation at start of L3 packet by adjusting for
VLAN tags and/or SNAP header.
R/W
0b
0
RX Checksum Offload Engine Enable (RX_COE_EN)
RX_COE_EN may only be changed if the RX path is disabled. If it is desired
to change this value during run time, it is safe to do so only after the Host
MAC is disabled and the TLI is empty.
0 = The RXCOE is bypassed
1 = The RXCOE is enabled
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com