Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 204 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 204 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 200Page - Microchip Technology LAN9250 Datasheet HTML 201Page - Microchip Technology LAN9250 Datasheet HTML 202Page - Microchip Technology LAN9250 Datasheet HTML 203Page - Microchip Technology LAN9250 Datasheet HTML 204Page - Microchip Technology LAN9250 Datasheet HTML 205Page - Microchip Technology LAN9250 Datasheet HTML 206Page - Microchip Technology LAN9250 Datasheet HTML 207Page - Microchip Technology LAN9250 Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 421 page
background image
LAN9250
DS00001913A-page 204
 2015 Microchip Technology Inc.
11.15.9
HOST MAC VLAN1 TAG REGISTER (HMAC_VLAN1)
This read/write register contains the VLAN tag field to identify VLAN1 frames. When a VLAN1 frame is detected, the
legal frame length is increased from 1518 bytes to 1522 bytes. Refer to Section 11.3, "Virtual Local Area Network
(VLAN) Support," on page 140 for additional information.
11.15.10 HOST MAC VLAN2 TAG REGISTER (HMAC_VLAN2)
This read/write register contains the VLAN tag field to identify VLAN2 frames. When a VLAN2 frame is detected, the
legal frame length is increased from 1518 bytes to 1538 bytes. Refer to Section 11.3, "Virtual Local Area Network
(VLAN) Support," on page 140 for additional information.
Offset:
09h
Size:
32 bits
Bits
Description
Type
Default
31:16
RESERVED
RO
-
15:0
VLAN1 Tag Identifier (VTI1)
This field contains the VLAN Tag used to identify VLAN1 frames. This field is
compared with the 13th and 14th bytes of the incoming frames for VLAN1
frame detection.
Note:
If used, this register is typically set to the standard VLAN value of
8100h.
R/W
FFFFh
Offset:
0Ah
Size:
32 bits
Bits
Description
Type
Default
31:16
RESERVED
RO
-
15:0
VLAN2 Tag Identifier (VTI2)
This field contains the VLAN Tag used to identify VLAN2 frames. This field is
compared with the 13th and 14th bytes of the incoming frames for VLAN2
frame detection.
Note:
If used, this register is typically set to the standard VLAN value of
8100h. If both VLAN1 and VLAN2 Tag Identifiers are used, they
should be unique. If both are set to the same value, VLAN1 is
given higher precedence and the maximum legal frame length is
set to 1522.
R/W
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com