Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 175 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 175 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 171Page - Microchip Technology LAN9250 Datasheet HTML 172Page - Microchip Technology LAN9250 Datasheet HTML 173Page - Microchip Technology LAN9250 Datasheet HTML 174Page - Microchip Technology LAN9250 Datasheet HTML 175Page - Microchip Technology LAN9250 Datasheet HTML 176Page - Microchip Technology LAN9250 Datasheet HTML 177Page - Microchip Technology LAN9250 Datasheet HTML 178Page - Microchip Technology LAN9250 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 175
LAN9250
The Host MAC maintains a counter, EEE TX LPI Time, that counts (in us) the amount of time that TX LPI request to the
PHY is asserted. Note that this counter does not include the time specified in the Host MAC EEE Time Wait TX System
Register (HMAC_EEE_TW_TX_SYS). The counter is not writable and does not clear on read. The counter is reset if
the Host MAC Energy Efficient Ethernet (HMAC_EEE_ENABLE) bit in the Host MAC Control Register (HMAC_CR) is
low.
11.13.2
RX LPI DETECTION
Receive Lower Power Idle (LPI) is indicated by the PHY to the MAC using the MII value of RXDV=0, RXER=1,
TXD[3:0]=4’b0001.
11.13.2.1
Decoding LPI
The MAC will decode the LPI indication only when Host MAC Energy Efficient Ethernet (HMAC_EEE_ENABLE) is set
in the Host MAC Control Register (HMAC_CR), and if the current speed is 100Mbs, the current duplex is full (as indi-
cated by the Full Duplex Mode (FDPX) bit of the Host MAC Control Register (HMAC_CR)) and the auto-negotiation
result indicates that both the local and partner device supports EEE at 100Mbs. In order to prevent an unstable link con-
dition, the PHY link status also must indicate “up” for one second is set.) before LPI is decoded.
11.13.2.2
RX LPI Counters
The Host MAC maintains a counter, EEE RX LPI Transitions, that counts the number of times that the LPI indication
from the PHY changes from de-asserted to asserted. The counter is not writable and does not clear on read. The counter
is reset if the Host MAC Energy Efficient Ethernet (HMAC_EEE_ENABLE) bit in the Host MAC Control Register
(HMAC_CR) is low.
The Host MAC maintains a counter, EEE RX LPI Time, that counts (in us) the amount of time that the PHY indicates
LPI. The counter is not writable and does not clear on read. The counter is reset if the Host MAC Energy Efficient Ether-
net (HMAC_EEE_ENABLE) bit in the Host MAC Control Register (HMAC_CR) is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com