Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 104Page - National Semiconductor (TI) PC87366 Datasheet HTML 105Page - National Semiconductor (TI) PC87366 Datasheet HTML 106Page - National Semiconductor (TI) PC87366 Datasheet HTML 107Page - National Semiconductor (TI) PC87366 Datasheet HTML 108Page - National Semiconductor (TI) PC87366 Datasheet HTML 109Page - National Semiconductor (TI) PC87366 Datasheet HTML 110Page - National Semiconductor (TI) PC87366 Datasheet HTML 111Page - National Semiconductor (TI) PC87366 Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 240 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
108
www.national.com
3.4.25
CEIR Address Shift Register (ADSR)
This register holds the received address to be compared with the address contained in the IRWAD register.
This register is set to 00h on power-up of VPP or software reset.
Location:
Bank 1, Offset 17h
Type:
RO
3.4.26
CEIR Wake-Up Range 0 Registers
These registers define the low and high limits of time range 0. The values are represented in units of 0.1 msec.
For the RC-5 protocol, the bit cell width must fall within this range for the cell to be considered valid. The nominal cell width
is 1.778 msec for a 36 KHz carrier. IRWTR0L and IRWTR0H should be set to 10h and 14h respectively (default).
For the NEC protocol, the time distance between two consecutive CEIR pulses that encodes a bit value of 0 must fall within
this range. The nominal distance for a 0 is 1.125 msec for a 38 KHz carrier. IRWTR0L and IRWTR0H should be set to 09h
and 0Dh respectively.
IRWTR0L Register
This register is set to 10h on power-up of VPP or software reset.
Location:
Bank 1, Offset 18h
Type:
R/W
IRWTR0H Register
This register is set to 14h on power-up of VPP or software reset.
Location:
Bank 1, Offset 19h
Type:
R/W
Bit
76543210
Name
CEIR Address
Reset
00000000
Bit
76543210
Name
Reserved
CEIR Pulse Change, Range 0, Low Limit
Reset
00010000
Bit
76543210
Name
Reserved
CEIR Pulse Change, Range 0, High Limit
Reset
00010100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com