Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 106Page - National Semiconductor (TI) PC87366 Datasheet HTML 107Page - National Semiconductor (TI) PC87366 Datasheet HTML 108Page - National Semiconductor (TI) PC87366 Datasheet HTML 109Page - National Semiconductor (TI) PC87366 Datasheet HTML 110Page - National Semiconductor (TI) PC87366 Datasheet HTML 111Page - National Semiconductor (TI) PC87366 Datasheet HTML 112Page - National Semiconductor (TI) PC87366 Datasheet HTML 113Page - National Semiconductor (TI) PC87366 Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 240 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
110
www.national.com
3.4.29
CEIR Wake-Up Range 3 Registers
These registers define the low and high limits of time range 3. The values are represented in units of 0.1 msec. These reg-
isters are not used when the RC-5 protocol is selected.
For the NEC protocol, the post header gap width must fall within this range in order for the gap to be considered valid. The
nominal value is 4.5 msec for a 36 KHz carrier. IRWTR3L and IRWTR3H should be set to 28h and 32h respectively (default).
IRWTR3L Register
This register is set to 28h on power-up of Vpp or software reset.
Location:
Bank1, Offset 1Eh
Type:
R/WS
IRWTR3H Register
This register is set to 32h on power-up of Vpp or software reset.
Location:
Bank 1, Offset 1Fh
Type:
R/W
CEIR Recommended Values
Table 43 lists the recommended time ranges limits for the different protocols and their four applicable ranges. The values
are represented in hexadecimal code where the units are of 0.1 msec.
Bit
76543210
Name
CEIR Pulse Change, Range 3, Low Limit
Reset
00101000
Bit
76543210
Name
CEIR Pulse Change, Range 3, High Limit
Reset
00110010
Table 43. Time Range Limits for CEIR Protocols
Range
RC-5
NEC
RCA
Low Limit
High Limit
Low Limit
High Limit
Low Limit
High Limit
0
10h
14h
09h
0Dh
0Ch
12h
1
07h
0Bh
14h
19h
16h
1Ch
2
−−
50h
64h
B4h
DCh
3
−−
28h
32h
23h
2Dh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com