Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 110Page - National Semiconductor (TI) PC87366 Datasheet HTML 111Page - National Semiconductor (TI) PC87366 Datasheet HTML 112Page - National Semiconductor (TI) PC87366 Datasheet HTML 113Page - National Semiconductor (TI) PC87366 Datasheet HTML 114Page - National Semiconductor (TI) PC87366 Datasheet HTML 115Page - National Semiconductor (TI) PC87366 Datasheet HTML 116Page - National Semiconductor (TI) PC87366 Datasheet HTML 117Page - National Semiconductor (TI) PC87366 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 240 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
114
www.national.com
Event Configuration
Each pin in the SBGPIO port is a potential input event source. The event detection can trigger a system notification upon predeter-
mined behavior of the source pin. The SBGPIO Pin Configuration register determines the event detection trigger type for the system
notification.
Event Type and Polarity - Two trigger types of event detection are supported: edge and level. An edge event may be
detected upon a source pin transition either from high to low or low to high. A level event may be detected when the
source pin is in active level. The trigger type is determined by Event Type (bit 4). The direction of the transition (for edge)
or the polarity of the active level (for level) is determined by Event Polarity (bit 5).
Event Debounce Enable - The input signal can be debounced for about 15 msec before entering the detector. The signal
state is transferred to the detector only after a debouncing period during which the signal has no transitions, to ensure
that the signal is stable. The debouncer adds 15 msec delay to both assertion and de-assertion of the event pending
indicator. Therefore, when working with a level event and system notification by either SMI or IRQ, it is recommended
to disable the debounce if the delay in the SMI/IRQ de-assertion is not acceptable. The debounce is controlled by Event
Debounce Enable (bit 6 of the SBGPIO Pin Configuration register).
3.4.31
Standby GPIO Pin Select Register (SBGPSEL)
This register selects the GPIOE/GPIE pin (port number and pin number) to be configured (the register accessed by the
Standby GPIO Pin Configuration register). This register is reset to 00h on VPP power-up or software reset.
When port 0 is selected, bits 2-0 select between pins GPIE7,6 and GPIOE5-0. When port 1 is selected, bits 2-0 select be-
tween pins GPOS0 and GPOS1. Pins GPIS2 and GPIS3 are input only and require no configuration.
Location:
Bank 3, Offset 13h
Type:
R/W
Bit
76543210
Name
Reserved
Port Select
Reserved
Pin Select
Reset
00000000
Bit
Description
7-5
Reserved
4
Port Select. This bit selects the GPIO port to be configured.
0: Port 0 (default)
1: Port 1
3
Reserved
2-0
Pin Select. These bits select the GPIO pin to be configured in the selected port.
000, 001, ... 111:The binary value of the pin number, 0, 1, ... 7 respectively (default=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com