Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 119Page - National Semiconductor (TI) PC87366 Datasheet HTML 120Page - National Semiconductor (TI) PC87366 Datasheet HTML 121Page - National Semiconductor (TI) PC87366 Datasheet HTML 122Page - National Semiconductor (TI) PC87366 Datasheet HTML 123Page - National Semiconductor (TI) PC87366 Datasheet HTML 124Page - National Semiconductor (TI) PC87366 Datasheet HTML 125Page - National Semiconductor (TI) PC87366 Datasheet HTML 126Page - National Semiconductor (TI) PC87366 Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 240 page
background image
123
www.national.com
4.0
Fan Speed Control
4.1
OVERVIEW
This chapter describes a generic Fan Speed Control module. For the implementation used in this device, see the
Device
Architecture and Configuration chapter.
The Fan Speed Control is a programmable Pulse Width Modulation (PWM) generator. The PWM generator output is used
to control the fan’s power voltage, which is correlated to the fan’s speed. Convertinga0to 100% duty cycle PWM signal to
an analog voltage range is achieved by an external circuit, as shown in Figure 13. Some newer fans accept direct PWM
input without any external circuitry.
Figure 13. Fan Speed Control - System Configuration
4.2
FUNCTIONAL DESCRIPTION
The PWM generator operation is based on a PWM counter and two registers: the Fan Speed Control Pre-Scale register
(FCPSR), used to determine the overall cycle time (or the frequency) of the FANOUT output, and the Fan Speed Control
Duty Cycle register (FCDCR), used to determine the duty cycle of the FANOUT between 0 to 100%.
The PWM counter is an 8-bit, free-running counter that runs continuously in a cyclic manner, i.e its cycle equals 256 clock
periods. The PWM output is high as long as the count is lower than the FCDCR value, and flips to low as the counter exceeds
that value. The duty cycle (expressed as a percentage) is therefore (FCDCR/256)*100. In particular, the PWM output is con-
tinuously low when FCDCR=0 and continuously high when FCDCR=FFh. The FANOUT output may be inverted by an ex-
ternal configuration bit, in which case the FANOUT duty cycle is ([256-FCDCR]/256)*100.
The PWM counter clock is generated by dividing the input clock, either 24 MHz or 200 KHz, using a clock divider. The divi-
sion factor, which must be between 1 and 124, is defined as Pre-Scale Value+1, where Pre-Scale is the binary value stored
in bits 6 to 0 of the FCPSR register. The resulting PWM output frequency is therefore:
(24 MHz or 200 kHz/([Pre-Scale Value+1]
*256).
The default selection of 24 MHz input clock allows a programmable FANOUT frequency in the range of 756 Hz to 93.75 KHz.
For lower frequencies, selecting the 200 KHz input clock allows a frequency range of 6 Hz to 781 Hz. See Figure 14.
The FANOUT frequency must be pre-selected according to the fan type’s specific requirements prior to enabling the Fan
Speed Control. The only run-time change that is required to dynamically control the fan speed is the value of the FCDCR
register.
Warning! The contents of the FCPSR register must not be changed when the Fan Speed Control is enabled.
Fan Speed
Control
Fan
FANOUT
Control
External
Circuitry
External
Circuitry
24 MHz
(1-124)
PWM
FCDCR Register
FCDCR > Counter
FANOUT
FCPSR Register
Figure 14. PWM Generator (FANOUT)
O
Invert
0
1
200 KHz
Bit 7
Bits 6-0
PWM Output -
Counter
Comparator
0
1
FANOUT
Clock
Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com