Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 121Page - National Semiconductor (TI) PC87366 Datasheet HTML 122Page - National Semiconductor (TI) PC87366 Datasheet HTML 123Page - National Semiconductor (TI) PC87366 Datasheet HTML 124Page - National Semiconductor (TI) PC87366 Datasheet HTML 125Page - National Semiconductor (TI) PC87366 Datasheet HTML 126Page - National Semiconductor (TI) PC87366 Datasheet HTML 127Page - National Semiconductor (TI) PC87366 Datasheet HTML 128Page - National Semiconductor (TI) PC87366 Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 240 page
background image
4.0 Fan Speed Control (Continued)
125
www.national.com
4.3.3
Fan Speed Control Duty Cycle Register (FCDCR)
Location:
Device specific
Type:
R/W
4.4
FAN SPEED CONTROL BITMAP
Bit
76543210
Name
Duty Cycle Value
Reset
11111111
Bit
Description
7-0
Duty Cycle. The binary value of this 8-bit field determines the number of clock cycles, out of a 256-cycle period,
during which the PWM output is high (while FANOUT is either equal to or the inverse of the PWM output,
depending on the Inverse FANOUT configuration bit).
00h: PWM output is continuously low
01h - FEh: PWM output is high for [Duty Cycle Value] clock cycles and low for [256-Duty Cycle Value] clock
cycles
FFh: PWM output is continuously high
Register
Bits
Offset
Mnemonic
76543210
Device
specific
Note 1.
Note 1. The location of this register is defined in the
Device Architecture and Configuration chapter.
FCPSR
Clock
Select
Pre-Scale Value
Device
specific
Note 1.
FCDCR
Duty Cycle Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com