Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 125Page - National Semiconductor (TI) PC87366 Datasheet HTML 126Page - National Semiconductor (TI) PC87366 Datasheet HTML 127Page - National Semiconductor (TI) PC87366 Datasheet HTML 128Page - National Semiconductor (TI) PC87366 Datasheet HTML 129Page - National Semiconductor (TI) PC87366 Datasheet HTML 130Page - National Semiconductor (TI) PC87366 Datasheet HTML 131Page - National Semiconductor (TI) PC87366 Datasheet HTML 132Page - National Semiconductor (TI) PC87366 Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 240 page
background image
5.0 Fan Speed Monitor (Continued)
129
www.national.com
5.4
FAN SPEED MONITOR BITMAP
Bit
Type
Description
7
Reserved
6-5
R/W Clock Select. Selects the clock source provided to the counter.
These bits must not be changed when the corresponding Fan Monitor Enable bit is 1 (enabled).
00:
16 KHz
01:
8 KHz (default)
10:
4 KHz
11:
2 KHz
4
R/W Filter Disable. When this bit is set to 1, the digital filter is disabled. When it is cleared, the filter is
enabled. This bit should not be changed when the corresponding Fan Monitor Enable bit is 1 (enabled)
to avoid unpredictable results.
0: Digital filter enabled (default)
1: Digital filter disabled
3
R/W Interrupt Enable. This bit controls the assertion of overflow interrupt and Over Threshold interrupt.
0: Interrupt disabled (default)
1: Interrupt enabled. Interrupt is asserted when an Over Threshold bit, Overflow bit or both are set to 1.
2
R/W1C Overflow. Indicates that the counter has passed FFh, and the fan speed is inefficiently slow; i.e., slower
than 60
∗ f/(256 ∗ n). Writing 1 to this bit clears it to 0.
0: No overflow occurred since the last time this bit was cleared (by reset or by writing 1)
1: Counter passed FFh
1
R/W1C Over Threshold. Indicates that the value loaded into the FMSPR register upon detection of the rising
edge of the FANIN pulse exceeded the threshold value.
0: FMSPR register value did not exceed the threshold since the last time this bit was cleared (by reset
or by writing 1)
1: FMSPR register value exceeded the threshold
0RO
Speed Ready. This bit indicates that the speed register holds new (not yet read) and valid data. It is set
to 1 on each rising edge of the FANIN input (starting from the second one) if the Over Threshold bit is
0. It is cleared to 0 whenever the speed register is read, or when the Overflow bit is set.
0: No new valid data in the FMSPR register (data is either invalid or has already been read)
1: FMSPR register loaded with new and valid data
Register
Bits
Offset
Mnemonic
7
6
5
43210
Device
specific
Note 1.
Note 1. The location of this register is defined in the
Device Architecture and Configuration chapter.
FMTHR
Threshold Value
Device
specific
Note 1.
FMSPR
Fan Speed Reading
Device
specific
Note 1.
FMCSR
Reserved
Clock Select
Filter
Disable
Interrupt
Enable
Overflow
Over
Threshold
Speed
Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com