Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 130 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 130 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 126Page - National Semiconductor (TI) PC87366 Datasheet HTML 127Page - National Semiconductor (TI) PC87366 Datasheet HTML 128Page - National Semiconductor (TI) PC87366 Datasheet HTML 129Page - National Semiconductor (TI) PC87366 Datasheet HTML 130Page - National Semiconductor (TI) PC87366 Datasheet HTML 131Page - National Semiconductor (TI) PC87366 Datasheet HTML 132Page - National Semiconductor (TI) PC87366 Datasheet HTML 133Page - National Semiconductor (TI) PC87366 Datasheet HTML 134Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 240 page
background image
130
www.national.com
6.0
General-Purpose Input/Output (GPIO) Port
This chapter describes one 8-bit port. A device may include a combination of several ports with different implementations.
For the device specific implementation, see the
Device Architecture and Configuration chapter.
6.1
OVERVIEW
The GPIO port is an 8-bit port, which is based on eight pins. It features:
q
Software capability to manipulate and read pin levels
q
Controllable system notification by several means based on the pin level or level transition
q
Ability to capture and manipulate events and their associated status
q
Back-drive protected pins.
GPIO port operation is associated with two sets of registers:
q
Pin Configuration registers, mapped in the Device Configuration space. These registers are used to statically set up
the logical behavior of each pin. There are two 8-bit register for each GPIO pin.
q
Four 8-bit runtime registers: GPIO Data Out (GPDO), GPIO Data In (GPDI), GPIO Event Enable (GPEVEN) and
GPIO Event Status (GPEVST). These registers are mapped in the GPIO device IO space (which is determined by
the base address registers in the GPIO Device Configuration). They are used to manipulate and/or read the pin val-
ues, and to control and handle system notification. Each runtime register corresponds to the 8-pin port, such that bit
n in each one of the four registers is associated with GPIOXn pin, where X is the port number.
Each GPIO pin is associated with ten configuration bits and the corresponding bit slice of the four runtime registers, as
shown in Figure 17.
The functionality of the GPIO port is divided into basic functionality that includes the manipulation and reading of the GPIO
pins, and enhanced functionality. The basic functionality is described in Section 6.2. The enhanced functionality which in-
cludes the event detection and system notification is described in Section 6.3.
Figure 17. GPIO Port Architecture
GPIO Pin
GPIO Pin
Select (GPSEL)
Configuration (GPCFG)
GPDOX
GPDIX
GPEVENX
GPSTX
Runtime
Registers
GPIOX Base Address
Event
Bit n
Port and Pin
8 GPCFG
Registers
x8
GPIOXn
Pin
x8
GPIOXn CNFG
Interrupt
x8
GPIOXn
Port Logic
X = port number
n = pin number, 0 to 7
Pending
Indicator
Request
SMI
PWUREQ
GPIO Pin Event
Routing (GPEVR)
8 GPEVR
Registers
GPIOXn ROUTE
Select
Event
Routing
Control
Register
Register
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com