Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 169Page - National Semiconductor (TI) PC87366 Datasheet HTML 170Page - National Semiconductor (TI) PC87366 Datasheet HTML 171Page - National Semiconductor (TI) PC87366 Datasheet HTML 172Page - National Semiconductor (TI) PC87366 Datasheet HTML 173Page - National Semiconductor (TI) PC87366 Datasheet HTML 174Page - National Semiconductor (TI) PC87366 Datasheet HTML 175Page - National Semiconductor (TI) PC87366 Datasheet HTML 176Page - National Semiconductor (TI) PC87366 Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 240 page
background image
10.0 Musical Instrument Digital Interface (MIDI) Port (Continued)
173
www.national.com
10.3 MIDI PORT REGISTERS
The following abbreviations are used to indicate the Register Type:
q
R/W = Read/Write
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W=Write
q
RO = Read Only
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
10.3.1
MIDI Port Register Map
The following table lists the MIDI Port registers. For the MIDI Port register bitmap, see Section 10.4.
10.3.2
MIDI Data In Register (MDI)
This read register is used for reading data received by the MIDI Port, and status information returned by the MIDI Port in
response to a previously issued command. When the FIFOs of the MIDI Port are enabled, reading from this offset returns
the next byte taken out of the Receive FIFO.
Location:
Offset 00h
Type:
R
10.3.3
MIDI Data Out Register (MDO)
This write register is used for writing data to be transmitted by the MIDI Port. When the FIFOs of the MIDI Port are enabled,
writing to this offset puts the data byte into the Transmit FIFO.
Location:
Offset 00h
Type:
W
Offset
Mnemonic
Register Name
Type
Section
00h
MDI
MIDI Data In
R
10.3.2
00h
MDO
MIDI Data Out
W
10.3.3
01h
MSTAT
MIDI Status
R
10.3.4
01h
MCOM
MIDI Command
W
10.3.5
02h
MCNTL
MIDI Control
W/R
10.3.6
Bit
76543210
Name
Data In
Reset
XXXXXXXX
Bit
76543210
Name
Data Out
Reset
XXXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com