Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 175 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 175 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 171Page - National Semiconductor (TI) PC87366 Datasheet HTML 172Page - National Semiconductor (TI) PC87366 Datasheet HTML 173Page - National Semiconductor (TI) PC87366 Datasheet HTML 174Page - National Semiconductor (TI) PC87366 Datasheet HTML 175Page - National Semiconductor (TI) PC87366 Datasheet HTML 176Page - National Semiconductor (TI) PC87366 Datasheet HTML 177Page - National Semiconductor (TI) PC87366 Datasheet HTML 178Page - National Semiconductor (TI) PC87366 Datasheet HTML 179Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 240 page
background image
10.0 Musical Instrument Digital Interface (MIDI) Port (Continued)
175
www.national.com
10.3.6
MIDI Control Register (MCNTL)
This register controls enhanced MIDI functions.
Location:
Offset 02h
Type:
R/W
Bit
76543210
Name
Loopback
Mode
Enable
MIDI Thru
Enable
Reserved
Pass-Thru
Transmit
Enable
Rx Data
Ready
Interrupt
Enable
MDTX Pin
Masking
Enable
Tx Buffer
Empty
Interrupt
Enable
Rx FIFO
Enable for
Pass-Thru
Mode
Reset
00001001
Required
0
Bit
Description
7
Loopback Mode Enable. When enabled, the MIDI receive signal is internally connected to the MIDI transmit
signal.
0: Disabled (default)
1: Enabled
6
MIDI Thru Enable. When enabled, the MDRX pin is internally connected to the MDTX pin, which then reflects
the MIDI receive signal. When disabled, the MDTX pin is driven with data coming from the MIDI Port transmit
engine.
0: Disabled (default)
1: Enabled
5
Reserved
4
Pass-Thru Transmit Enable. When enabled, data is transmitted in Pass-Thru (non-UART) mode.
0: Disabled (default)
1: Enabled
3
Rx Data Ready Interrupt Enable. When enabled, an interrupt request is asserted in response to a Receive
Data Ready event.
0: Disabled
1: Enabled (default)
2
MDTX Pin Masking Enable. When enabled, the MDTX pin is constantly driven high by the MIDI Port. When
disabled, MDTX serves as the MIDI Port transmit line.
0: Disabled (default)
1: Enabled
1
Tx Buffer Empty Interrupt Enable. When enabled, an interrupt request is asserted in response to a Transmit
Buffer Empty event.
0: Disabled (default)
1: Enabled
0
Rx FIFO Enable for Pass-Thru Mode. When this bit is set to 1, the Receive FIFO is enabled in Pass-Thru
mode. This bit is ignored in UART mode.
0: Disabled
1: Enabled (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com