Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 178 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 178 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 174Page - National Semiconductor (TI) PC87366 Datasheet HTML 175Page - National Semiconductor (TI) PC87366 Datasheet HTML 176Page - National Semiconductor (TI) PC87366 Datasheet HTML 177Page - National Semiconductor (TI) PC87366 Datasheet HTML 178Page - National Semiconductor (TI) PC87366 Datasheet HTML 179Page - National Semiconductor (TI) PC87366 Datasheet HTML 180Page - National Semiconductor (TI) PC87366 Datasheet HTML 181Page - National Semiconductor (TI) PC87366 Datasheet HTML 182Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
178
www.national.com
Figure 35. VLM Functional Diagram
11.2.1
Voltage Measurement, Channels 0 through 10
Voltage is measured relative to 2.45*VREF.(VREF is the voltage of the VREF input, or the internal reference voltage.) The
results are output to the Read Channel Voltage (RDCHV) register associated with the channel. The voltage measured is:
Vi = 2.45*VREF *RDCHVi / 256
VSB,VDD and AVDD are internally divided by two. Therefore, the readouts are half their actual values. When external dividers
are used to scale input voltage to within the dynamic range of the A/D Converter, appropriate scale factors should be taken
into account.
VHIGH and VLOW Limits, ALARM Output, IRQ and SMI
The voltage reading is compared to two limits: VHIGH and VLOW. If the voltage reading is outside any of these limits, the
respective status bit (Channel High Limit Exceeded or Channel Low Limit Exceeded) in the VCHCFST register is set. The
status bit stays active until it is cleared by the software. An ALARM status bit in the VEVSTS0 or VEVSTS1 register is set
when the Channel High Limit Exceeded or the Channel Low Limit Exceeded bit for the respective channel is set.
SIB
A/D Converter
14:1
Analog
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
MUX
VLM
Clock
Divider
Clock
VIN0
AVI0
Control Logic
Status,
Data & Config
Registers
A/D
AVI6
VIN0
VIN6
AD8
AD12
AD11
AD13
VSB
VDD
AD9
VBAT
TS1
TS2
TS3
Low
+
High
+
Delay
Start
AVss
IRQ
ALARM
SMI
IRQ
ALERT
SMI
Converter
Analog
Power
3.3 V
VREF
REF
Internal
VREF
AVDD
*2.45
AD10
AVDD
VSB
Power
Overtemp
+
OTS
}
}
To
VLM
Config
To
TMS
Config



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com