Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 183 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 183 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 179Page - National Semiconductor (TI) PC87366 Datasheet HTML 180Page - National Semiconductor (TI) PC87366 Datasheet HTML 181Page - National Semiconductor (TI) PC87366 Datasheet HTML 182Page - National Semiconductor (TI) PC87366 Datasheet HTML 183Page - National Semiconductor (TI) PC87366 Datasheet HTML 184Page - National Semiconductor (TI) PC87366 Datasheet HTML 185Page - National Semiconductor (TI) PC87366 Datasheet HTML 186Page - National Semiconductor (TI) PC87366 Datasheet HTML 187Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
183
www.national.com
11.5.2
Voltage Event Status Register 0 (VEVSTS0)
This register indicates which of the corresponding eight VLM events has occurred.
Location:
Offset 00h
Type:
RO
11.5.3
Voltage Event Status Register 1 (VEVSTS1)
This register indicates which of the corresponding VLM events has occurred.
Location:
Offset 01h
Type:
RO
Bit
76543210
Name
VSB
ALARM
Event
Status
AVI6
ALARM
Event
Status
AVI5
ALARM
Event
Status
AVI4
ALARM
Event
Status
AVI3
ALARM
Event
Status
AVI2
ALARM
Event
Status
AVI1
ALARM
Event
Status
AVI0
ALARM
Event
Status
Reset
00000000
Bit
Description
7
VSB ALARM Event Status. This channel measures the internal VSB power, using VSB/2.
0: Voltage level within limits (default)
1: High or low limit exceeded
6-0 Analog Voltage Inputs 6-0 ALARM Event Status
0: Voltage level within limits (default)
1: High or low limit exceeded
Bit
765432
1
0
Name
Reserved
TMS3
ALERT or
OTS Event
Status
TMS2
ALERT or
OTS Event
Status
TMS1
ALERT or
OTS Event
Status
AVDD
ALARM
Event
Status
VBAT
ALARM
Event
Status
VDD
ALARM
Event
Status
Reset
0
00000
0
0
Bit
Description
7-6 Reserved
5
TMS3 ALERT or OTS Event Status
0: Voltage level within limits (default)
1: OTS, high or low limit exceeded
4
TMS2 ALERT or OTS Event Status
0: Voltage level within limits (default)
1: OTS, High or low limit exceeded
3
TMS1 ALERT or OTS Event Status
0: Voltage level within limits (default)
1: OTS, High or low limit exceeded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com