Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 185 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 185 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 181Page - National Semiconductor (TI) PC87366 Datasheet HTML 182Page - National Semiconductor (TI) PC87366 Datasheet HTML 183Page - National Semiconductor (TI) PC87366 Datasheet HTML 184Page - National Semiconductor (TI) PC87366 Datasheet HTML 185Page - National Semiconductor (TI) PC87366 Datasheet HTML 186Page - National Semiconductor (TI) PC87366 Datasheet HTML 187Page - National Semiconductor (TI) PC87366 Datasheet HTML 188Page - National Semiconductor (TI) PC87366 Datasheet HTML 189Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
185
www.national.com
11.5.5
Voltage Event to SMI Register 1 (VEVSMI1)
This register is one of two registers that controls event routing to SMI.
Location:
Offset 03h
Type:
RW
Bit
765432
1
0
Name
Reserved
TMS3
Event to
SMI Enable
TMS2
Event to
SMI Enable
TMS1
Event to
SMI Enable
AVDD Event
to SMI
Enable
VBAT Event
to SMI
Enable
VDD Event
to SMI
Enable
Reset
0
00000
0
0
Bit
Description
7-6 Reserved
5
TMS3 Event to SMI Enable
0: Disabled (default)
1: Enabled
4
TMS2 Event to SMI Enable
0: Disabled (default)
1: Enabled
3
TMS1 Event to SMI Enable
0: Disabled (default)
1: Enabled
2
AVDD Event to SMI Enable
0: Disabled (default)
1: Enabled
1
VBAT Event to SMI Enable
0: Disabled (default)
1: Enabled
0
VDD Event to SMI Enable
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com