Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 216 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 216 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 212Page - National Semiconductor (TI) PC87366 Datasheet HTML 213Page - National Semiconductor (TI) PC87366 Datasheet HTML 214Page - National Semiconductor (TI) PC87366 Datasheet HTML 215Page - National Semiconductor (TI) PC87366 Datasheet HTML 216Page - National Semiconductor (TI) PC87366 Datasheet HTML 217Page - National Semiconductor (TI) PC87366 Datasheet HTML 218Page - National Semiconductor (TI) PC87366 Datasheet HTML 219Page - National Semiconductor (TI) PC87366 Datasheet HTML 220Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 240 page
background image
13.0 Legacy Functional Blocks (Continued)
216
www.national.com
13.4 UART FUNCTIONALITY (SP1 AND SP2)
13.4.1
General Description
Both SP1 and SP2 provide UART functionality. The generic SP1 and SP2 support serial data communication with remote
peripheral device or modem using a wired interface. The functional blocks can function as a standard 16450, 16550, or as
an Extended UART.
13.4.2
UART Mode Register Bank Overview
Four register banks, each containing eight registers, control UART operation. All registers use the same 8-byte address
space to indicate offsets 00h through 07h. The BSR register selects the active bank and is common to all banks. See Figure
47.
Figure 47. UART Mode Register Bank Architecture
BANK 0
BANK 1
BANK 2
BANK 3
Offset 07h
Offset 06h
Offset 05h
Offset 04h
LCR/BSR
Offset 02h
Offset 01h
Offset 00h
Common
Register
Throughout
All Banks
16550 Banks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com