Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 219 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 219 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 215Page - National Semiconductor (TI) PC87366 Datasheet HTML 216Page - National Semiconductor (TI) PC87366 Datasheet HTML 217Page - National Semiconductor (TI) PC87366 Datasheet HTML 218Page - National Semiconductor (TI) PC87366 Datasheet HTML 219Page - National Semiconductor (TI) PC87366 Datasheet HTML 220Page - National Semiconductor (TI) PC87366 Datasheet HTML 221Page - National Semiconductor (TI) PC87366 Datasheet HTML 222Page - National Semiconductor (TI) PC87366 Datasheet HTML 223Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 240 page
background image
13.0 Legacy Functional Blocks (Continued)
219
www.national.com
13.4.4
SP1 and SP2 Bitmap Summary for UART Functionality
Table 66. Bank 0 Bitmap
Register
Bits
Offset
Mnemonic
76543210
00h
RXD
Receiver Data Bits
TXD
Transmitter Data Bits
01h
IERNote 1.
Note 1. Non-Extended Mode
Reserved
MS_IE
LS_IE
TXLDL_IE RXHDL_IE
IERNote 2.
Note 2. Extended Mode
Reserved
TXEMP_IE
Reserved
Note 3./
DMA_IE
Note 4.
Note 3. In SP1 only
Note 4. In SP2 only
MS_IE
LS_IE
TXLDL_IE RXHDL_IE
02h
EIRNote 1.
FEN1
FEN0
Reserved
RXFT
IPR1
IPR0
IPF
EIRNote 2.
Reserved
TXEMP_EV
Reserved
Note 3./
DMA_EV
Note 4.
MS_EV
LS_EV or
TXHLT_EV
TXLDL_EV RXHDL_EV
FCR
RXFTH1
RXFTH0
TXFTH1
TXFTH0
Reserved
TXSR
RXSR
FIFO_EN
03h
LCRNote 5.
Note 5. When bit 7 of this register is set to 1, bits 6-0 of BSR select the bank, as shown in Table 62.
BKSE
SBRK
STKP
EPS
PEN
STB
WLS1
WLS0
BSRNote 5.
BKSE
Bank Select
04h
MCRNote 1.
Reserved
LOOP
ISEN or
DCDLP
RILP
RTS
DTR
MCRNote 2.
Reserved
TX_DFR
Reserved
RTS
DTR
05h
LSR
ER_INF
TXEMP
TXRDY
BRK
FE
PE
OE
RXDA
06h
MSR
DCD
RI
DSR
CTS
DDCD
TERI
DDSR
DCTS
07h
SPRNote 1.
Scratch Data
ASCR
Note 2.
Reserved TXURNote 4.
RXACT
Note 4.
RXWDG
Note 4.
Reserved
S_OET
Note 4.
Reserved RXF_TOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com