Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 223 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 223 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 219Page - National Semiconductor (TI) PC87366 Datasheet HTML 220Page - National Semiconductor (TI) PC87366 Datasheet HTML 221Page - National Semiconductor (TI) PC87366 Datasheet HTML 222Page - National Semiconductor (TI) PC87366 Datasheet HTML 223Page - National Semiconductor (TI) PC87366 Datasheet HTML 224Page - National Semiconductor (TI) PC87366 Datasheet HTML 225Page - National Semiconductor (TI) PC87366 Datasheet HTML 226Page - National Semiconductor (TI) PC87366 Datasheet HTML 227Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 240 page
background image
13.0 Legacy Functional Blocks (Continued)
223
www.national.com
13.5.4
SP2 Bitmap Summary for IR Functionality
Table 74. Bank 4 Bitmap
Register
Bits
Offset
Mnemonic
76543210
00h-
01h
Reserved
02h
EIR
Reserved
IR_SL1
IR_SL0
Reserved
03h
LCR/BSR
Same as Bank 0
04h-
07h
Reserved
Table 75. Bank 5 Bitmap
Register
Bits
Offset
Mnemonic
76543210
00h-
02h
Reserved
03h
LCR/BSR
Same as Bank 0
04h
IRCR2
Reserved
AUX_IRRX
Reserved
IRMSSL
IR_FDPLX
05h-
07h
Reserved
Table 76. Bank 6 Bitmap
Register
Bits
Offset
Mnemonic
76543210
00h
IRCR3
SHDM_DS SHMD_DS
Reserved
01h
Reserved
02h
SIR_PW
Reserved
SPW (3-0)
03h
LCR/BSR
Same as Bank 0
04h-
07h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com