Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 225 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 225 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 221Page - National Semiconductor (TI) PC87366 Datasheet HTML 222Page - National Semiconductor (TI) PC87366 Datasheet HTML 223Page - National Semiconductor (TI) PC87366 Datasheet HTML 224Page - National Semiconductor (TI) PC87366 Datasheet HTML 225Page - National Semiconductor (TI) PC87366 Datasheet HTML 226Page - National Semiconductor (TI) PC87366 Datasheet HTML 227Page - National Semiconductor (TI) PC87366 Datasheet HTML 228Page - National Semiconductor (TI) PC87366 Datasheet HTML 229Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 240 page
background image
225
www.national.com
14.0 Device Characteristics
14.1 GENERAL DC ELECTRICAL CHARACTERISTICS
14.1.1
Recommended Operating Conditions
14.1.2
Absolute Maximum Ratings
Absolute maximum ratings are values beyond which damage to the device may occur. Unless otherwise specified, all volt-
ages are relative to ground.
14.1.3
Capacitance
TA = 25°C, f = 1 MHz
Symbol
Parameter
Min
Typ
Max
Unit
AVDD
Analog Supply Voltage (only one)
3.0
3.3
3.6
V
VDD
Supply Voltage
3.0
3.3
3.6
V
VSB
Standby Voltage
3.0
3.3
3.6
V
VBAT
Battery Backup Supply Voltage
2.4
3.0
3.6
V
TA
Operating Temperature
0
+70
°C
Symbol
Parameter
Conditions
Min
Max
Unit
AVDD
Analog Supply Voltage
-0.5
TBD
VDD
Supply Voltage
−0.5
+6.5
V
VI
Input Voltage
−0.5
VDD + 0.5
V
VO
Output Voltage
−0.5
VDD + 0.5
V
TSTG
Storage Temperature
−65
+165
°C
PD
Power Dissipation
1W
TL
Lead Temperature Soldering (10 s)
+260
°C
ESD Tolerance
C
ZAP
= 100 pF
R
ZAP
= 1.5 K
ΩNote 1.
Note 1. Value based on test complying with RAI-5-048-RA human body model ESD testing.
2000
V
Symbol
Parameter
Min
Typ
Max
Unit
CIN
Input Pin Capacitance
57
pF
CIN1
Clock Input Capacitance
5
8
12
pF
CIO
I/O Pin Capacitance
10
12
pF
CO
Output Pin Capacitance
68
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com