Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 166 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 166 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 162Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 163Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 164Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 165Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 166Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 167Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 168Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 169Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 227 page
background image
PCLK
2
1
3
4
4
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.13.1.6 VPFE Electrical Data/Timing
Table 6-53. Timing Requirements for VPFE PCLK Master/Slave Mode (see Figure 6-46)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
(A-513 and -594 devices)
10.204 or 13.33(1)
ns
1
tc(PCLK)
Cycle time, PCLK
(-810 devices)
9.25 or 13.33(1)
ns
2
tw(PCLKH)
Pulse duration, PCLK high
4.4
ns
3
tw(PCLKL)
Pulse duration, PCLK low
4.4
ns
4
tt(PCLK)
Transition time, PCLK
3
ns
(1)
When PCLK sources the clock for both the VPFE and VPBE, the minimum cycle time of 13.33 ns (specified in Table 6-60, Timing
Requirements for VPBE CLK Inputs for VPBE) must be met. When PCLK sources the clock for only the VPFE, a minimum cycle time of
10.2 ns may be used for A-513 and -594 devices and a minimum cycle time of 9.25 ns may be used for -810 devices.
Figure 6-46. VPFE PCLK Timing
Table 6-54. Timing Requirements for VPFE (CCD) Slave Mode(1) (see Figure 6-47)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
5
tsu(CCDV-PCLK)
Setup time, CCD valid before PCLK edge
3
ns
6
th(PCLK-CCDV)
Hold time, CCD valid after PCLK edge
2
ns
7
tsu(HDV-PCLK)
Setup time, HD valid before PCLK edge
3
ns
8
th(PCLK-HDV)
Hold time, HD valid after PCLK edge
2
ns
9
tsu(VDV-PCLK)
Setup time, VD valid before PCLK edge
3
ns
10
th(PCLK-VDV)
Hold time, VD valid after PCLK edge
2
ns
11
tsu(C_WEV-PCLK)
Setup time, C_WE valid before PCLK edge
3
ns
12
th(PCLK-C_WEV)
Hold time, C_WE valid after PCLK edge
2
ns
13
tsu(C_FIELDV-PCLK)
Setup time, C_FIELD valid before PCLK edge
3
ns
14
th(PCLK-C_FIELDV)
Hold time, C_FIELD valid after PCLK edge
2
ns
(1)
The VPFE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode the
rising edge of PCLK is referenced. When in negative edge clocking mode the falling edge of PCLK is referenced.
166
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com