Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 9Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 10Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 11Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 12Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 13Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 14Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 15Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 16Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
2.3.7
Embedded Trace Macrocell (ETM) and Embedded Trace Buffer (ETB)
To support real-time trace, the ARM926EJ-S processor provides an interface to enable connection of an
Embedded Trace Macrocell (ETM). The ARM926ES-J Subsystem in the DM6446 also includes the
Embedded Trace Buffer (ETB). The ETM consists of two parts:
Trace Port provides real-time trace capability for the ARM9.
Triggering facilities provide trigger resources, which include address and data comparators, counter,
and sequencers.
The DM6446 trace port is not pinned out and is instead only connected to the Embedded Trace Buffer.
The ETB has a 4KB buffer memory. ETB enabled debug tools are required to read/interpret the captured
trace data.
2.3.8
ARM Memory Mapping
The ARM memory map is shown in Section 2.5, Memory Map Summary, of this document. The ARM has
access to memories shown in the following sections.
2.3.8.1
ARM Internal Memories
The ARM has access to the following ARM internal memories:
16KB ARM Internal RAM on TCM interface, logically separated into two 8KB pages to allow
simultaneous access on any given cycle if there are separate accesses for code (I-TCM bus) and data
(D-TCM) to the different memory regions.
8KB ARM Internal ROM
2.3.8.2
External Memories
The ARM has access to the following external memories:
DDR2 Synchronous DRAM
Asynchronous EMIF / NOR Flash / NAND Flash
ATA/CF
Flash card devices:
MMC/SD with SDIO
xD
SmartMedia
2.3.8.3
DSP Memories
The ARM has access to the following DSP memories:
L2 RAM
L1P RAM
L1D RAM
2.3.8.4
ARM-DSP Integration
DM6446 ARM and DSP integration features are as follows:
DSP visibility from ARM’s memory map, see Section 2.5, Memory Map Summary, for details
Boot Modes for DSP - see Section 3 (Device Configurations) and Section 3.3.3 (DSP Boot) for details
ARM control of DSP boot / reset - see Section 3 (Device Configurations) and Section 3.3.2 (ARM Boot)
for details
ARM control of DSP isolation and powerdown / powerup - see Section 3, Device Configurations, for
details
ARM and DSP Interrupts - see Section 6.7.1, ARM CPU Interrupts, and Section 6.7.2, DSP Interrupts,
for details
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com