Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 61 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 57Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 58Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 59Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 60Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 61Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 62Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 63Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 64Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
3
Device Configurations
3.1
System Module Registers
The system module includes status and control registers required for configuration of the device. Brief
descriptions of the various registers are shown in Table 3-1. System Module registers required for device
configurations are discussed in the following sections.
Table 3-1. System Module Register Memory Map
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C4 0000
PINMUX0
Pin multiplexing control 0. For details, see Section 3.5.4, PINMUX0 Register
Description.
0x01C4 0004
PINMUX1
Pin multiplexing control 1. For details, see Section 3.5.5, PINMUX1 Register
Description.
0x01C4 0008
DSPBOOTADDR
Boot address of DSP. For details, see Section 3.3.1.2, DSPBOOTADDR
Register Description.
0x01C4 000C
SUSPSRC
Emulator Suspend Source. For details, see Section 3.6, Emulation Control.
0x01C4 0010
INTGEN
ARM/DSP Interrupt Status and Control. For details, see Section 6.7.3,
ARM/DSP Communications Interrupts.
0x01C4 0014
BOOTCFG
Device boot configuration. For details, see Section 3.3.1.1, BOOTCFG
Register Description.
0x01C4 0018 - 0x01C4 0027
Reserved.
0x01C4 0028
JTAGID
JTAGID/Device ID number. For details, see Section 6.25.1, JTAG Peripheral
Register Description(s) – JTAG ID Register.
0x01C4 002C
Reserved.
0x01C4 0030
HPI_CTL
HPI control. For details, see Section 3.5.6.10, HPI and EMIFA/ATA Pin
Multiplexing.
0x01C4 0034
USBPHY_CTL
USB PHY control. For details, see Section 6.15.1, USBPHY_CTL Register
Description.
0x01C4 0038
CHP_SHRTSW
Chip shorting switch control. For details, see Section 3.2.1, Power
Configurations at Reset.
0x01C4 003C
MSTPRI0
Bus master priority control 0. For details, see Section 3.5.1, Switched Central
Resource (SCR) Bus Priorities.
0x01C4 0040
MSTPRI1
Bus master priority control 1. For details, see Section 3.5.1, Switched Central
Resource (SCR) Bus Priorities.
0x01C4 0044
VPSS_CLKCTL
VPSS clock control.
0x01C4 0048
VDD3P3V_PWDN
VDD 3.3V I/O powerdown control. For details, see Section 3.2.2, Power
Configurations after Reset.
0x01C4 004C
DRRVTPER
Enables access to the DDR2 VTP Register.
0x01C4 0050 - 0x01C4 006F
Reserved.
Copyright © 2005–2010, Texas Instruments Incorporated
Device Configurations
61
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com