Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 86 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 82Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 83Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 84Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 85Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 86Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 87Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 88Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 89Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
5.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
(-810 devices)
1.235
1.3
1.365
V
Supply voltage, Core (CVDD, CVDDDSP)
(1)
(A-513, -594
1.14
1.2
1.26
V
CVDD
devices)
Supply voltage, Core (VDDA1P1V,
(All devices)
1.14
1.2
1.26
V
USB_VDDA1P2LDO
(2)) (1)
Supply voltage, I/O, 3.3V (DVDD33, USB_DVDDA3P3)
3.15
3.3
3.45
V
DVDD
Supply voltage, I/O, 1.8V (DVDD18, DVDDR2, DDR_VDDDLL,
1.71
1.8
1.89
V
PLLVDD18, VDDA1P8V, USB_VDD1P8, MXVDD, M24VDD)
Supply ground (VSS, VSSA1P8V, VSSA1P1V, DDR_VSSDLL,
VSS
USB_VSSREF, USB_VSS1P8, USB_VSSA3P3, USB_VSSA1P2LDO,
0
0
0
V
MXVSS
(3), M24V
SS
(3))
DDR_VREF
DDR2 reference voltage(4)
0.49DVDDR2
0.5DVDDR2
0.51DVDDR2
V
DDR_ZP
DDR2 impedance control, connected via 200
Ω resistor to VSS
VSS
V
DDR_ZN
DDR2 impedance control, connected via 200
Ω resistor to DVDDR2
DVDDR2
V
DAC_VREF
DAC reference voltage input
0.475
0.5
0.525
V
DAC_RBIAS
DAC biasing, connected via 4 k
Ω resistor to VSSA_1P8V
VSSA_1P8V
V
USB_VBUS
USB external charge pump input
4.75
5
5.25
V
High-level input voltage, I/O, 3.3V
2
V
VIH
High-level input voltage, non-DDR I/O, 1.8V
0.65DVDD
V
Low-level input voltage, I/O, 3.3V
0.8
V
VIL
Low-level input voltage, non-DDR I/O, 1.8V
0.35DVDD
V
Default (-594, -810)
0
85
°C
TC
Operating case temperature
A version (A-513
-40
105
°C
device)
Default( -594)
20
600
MHz
Default (-810)
20
810
MHz
FSYSCLK1
DSP Operating Frequency (SYSCLK1)
A version (A-513
20
513
MHz
device)
(1)
Future variants of TI SOC devices may operate at voltages ranging from 0.9 V to 1.4 V to provide a range of system power/performance
options. TI highly recommends that users design-in a supply that can handle multiple voltages within this range (i.e., 1.0 V, 1.05 V,
1.1 V, 1.14 V, 1.2 V, 1.235 V, 1.26 V, 1.3 V, 1.365 V with ±3% tolerances) by implementing simple board changes such as reference
resistor values or input pin configuration modifications. Not incorporating a flexible supply may limit the system's ability to easily adapt to
future versions of TI SOC devices.
(2)
This pin is an internal LDO output and connected via 1 mF capacitor to USB_VSSA1P2LDO.
(3)
Oscillator ground must be kept separate from other grounds and connected directly to the crystal load capacitor ground.
(4)
DDR_VREF is expected to equal 0.5DVDDR2 of the transmitting device and to track variations in the DVDDR2.
86
Device Operating Conditions
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com