Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 89 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 85Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 86Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 87Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 88Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 89Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 90Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 91Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 92Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
6.1.1.2
Timing Parameters and Board Routing Analysis
The timing parameter values specified in this data manual do not include delays by board routings. As a
good board design practice, such delays must always be taken into account. Timing values may be
adjusted by increasing/decreasing such delays. TI recommends utilizing the available I/O buffer
information specification (IBIS) models to analyze the timing characteristics correctly. To properly use IBIS
models to attain accurate timing analysis for a given system, see the Using IBIS Models for Timing
Analysis application report (literature number SPRA839). If needed, external logic hardware such as
buffers may be used to compensate any timing differences.
For the DDR2 memory controller interface, it is not necessary to use the IBIS models to analyze timing
characteristics. TI provides a PCB routing rules solution that describes the routing rules to ensure the
DDR2 memory controller interface timings are met. See the Implementing DDR2 PCB Layout on the
TMS320DM644x DSP Application Report (literature number SPRAAC5).
6.2
Recommended Clock and Control Signal Transition Behavior
All clocks and control signals should transition between VIH and VIL (or between VIL and VIH) in a
monotonic manner.
6.3
Power Supplies
For more information regarding TI's power management products and suggested devices to power TI
DSPs, visit www.ti.com/dsppower.
6.3.1
Power-Supply Sequencing
The DM6446 includes two core supplies — CVDD and CVDDDSP, as well as three I/O supplies — DVDD18,
DVDDR2, and DVDD33. To ensure proper device operation, a specific power-up sequence must be followed.
The core supply power-up sequence is dependent on the DSP boot mode selected at reset. If the DSP
boot mode is configured as Self-Boot mode, then both core supplies must be powered up at the same
time.
If the DSP boot mode is configured as Host-Boot, where the ARM boots the DSP, the two core supplies
may be ramped simultaneously or powered up separately. When powered up separately, the CVDDDSP
supply must not be ramped prior to the CVDD supply. The CVDDDSP supply must be powered up before the
shorting switch is closed (enabled). Prior to powering up the CVDDDSP supply, it should be left floating and
not driven to ground. Table 6-1 and Figure 6-4 describe the power-on sequence timing requirements for
DSP Host-Boot mode.
To minimize the voltage difference between these two core supplies, a single regulator source must be
used to power the CVDD and CVDDDSP supplies.
For more information, see Section 3.2.1, Power Configurations at Reset.
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
89
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com