Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 62 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 58Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 59Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 60Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 61Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 62Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 63Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 64Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 65Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
3.2
Power Considerations
Global device power domains are controlled by the Power and Sleep Controller, except as shown in the
following sections.
3.2.1
Power Configurations at Reset
As described in Section 6.3.1.3, DM6446 Power and Clock Domains, the DM6446 has two power
domains: Always On and DSP. There is a shorting switch between the two power domains that must be
opened when the DSP domain is powered off and closed when the DSP domain is powered on.
The CHP_SHRTSW register, shown in Figure 3-1, controls the shorting switch between the device
always-on and DSP power domains. This switch should be enabled after powering-up the DSP domain.
Setting the DSPPWRON bit to '1’ closes (enables) the switch and enables the DSP power domain. The
default switch value is determined by the DSP_BT configuration input. If DSP self boot is selected
(DSP_BT=1), the DSP will be powered-up and DSPPWRON will be set to a value of '1'. For ARM boot
operation (DSP_BT=0), DSPPWRON will be set to the disable value of '0' and must be set by the ARM
before the DSP domain power is turned on.
Note: Once the DSP power domain is enabled (powered up), it cannot be disabled (powered down).
Dynamic power down of the DSP is not supported on this device.
Figure 3-1. CHP_SHRTSW Register
31
1
0
RESERVED
DSPPWRON
R-0000 0000 0000 0000 0000 0000 0000 000
R/W-L
LEGEND: R = Read, W = Write, n = value at reset, L = pin state latched at reset rising
Table 3-2. CHP_SHRTSW Register Description
NAME
DESCRIPTION
DSPPWRON
DSP power domain enable.
0 = Shorting switch open
1 = Shorting switch closed
3.2.2
Power Configurations after Reset
The VDD3P3V_PWDN register controls power to the 3.3V I/O buffers for MMC/SD/SDIO and GPIOV33.
The 3.3V I/Os are separated into two groups for independent control as shown in Figure 3-2 and
described in Table 3-3. By default, these pins are all disabled at reset.
Figure 3-2. VDD3P3V_PWDN Register
31
2
1
0
RESERVED
IOPWDN1
IOPWDN0
R-0000 0000 0000 0000 0000 0000 0000 00
R/W-1
R/W-1
LEGEND: R = Read, W = Write, n = value at reset
Table 3-3. VDD3P3V_PWDN Register Description
NAME
DESCRIPTION
IOPWDN0
GIOV33 I/O Powerdown controls GIOV33[16:0] pins.
0 = I/O buffers powered up
1 = I/O buffers powered down
IOPWDN1
MMC/SD/SDIO I/O Powerdown controls SD_CLK, SD_CMD, SD_DATA[3:0] pins.
0 = I/O buffers powered up
1 = I/O buffers powered down
62
Device Configurations
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com