Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 28 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 24Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 25Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 26Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 27Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 28Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 29Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 30Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 31Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 2-6. Oscillator/PLL Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
OSCILLATOR, PLL
Crystal input MXI for MX oscillator (system oscillator, typically 27 MHz). If a crystal
MXI/CLKIN
L1
I
DVDD18
input is not used, but instead a physical clock-in source is supplied, this is the
external oscillator clock input.
Crystal output for MX oscillator. If a crystal input is not used, but instead a physical
MXO
M1
O
DVDD18
clock-in source is supplied, MXO should be left as a No Connect.
1.8-V power supply for MX oscillator. If a crystal input is not used, but instead a
MXVDD
L5
S
(3)
physical clock-in source is supplied, MXVDD should still be connected to the 1.8-V
power supply.
Ground for MX oscillator. If a crystal input is not used, but instead a physical
MXVSS
L2
GND
(3)
clock-in source is supplied, MXVSS should still be connected to ground.
Crystal input for M24 oscillator (24 MHz for USB). If a crystal input is not used, but
M24XI
F18
I
DVDD18
instead a physical clock-in source is supplied, this is the external oscillator clock
input. When the USB peripheral is not used, M24XI should be left as a No Connect.
Crystal output for M24 oscillator. If a crystal input is not used, but instead a physical
M24XO
F19
O
DVDD18
clock-in source is supplied, M24XO should be left as a No Connect. When the USB
peripheral is not used, M24XO should be left as a No Connect.
1.8-V power supply for M24 oscillator. If a crystal input is not used, but instead a
physical clock-in source is supplied, M24VDD should still be connected to the 1.8-V
M24VDD
F16
S
(3)
power supply. When the USB peripheral is not used, M24VDD should be connected
to the 1.8-V power supply.
Ground for M24 oscillator. If a crystal input is not used, but instead a physical
M24VSS
F17
GND
(3)
clock-in source is supplied, M24VSS should still be connected to ground. When the
USB peripheral is not used, M24VSS should be connected to ground.
PLLVDD18
M2
S
(3)
1.8-V power supply for PLLs (system).
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
(3)
For more information, see Section 5.2, Recommended Operating Conditions.
Table 2-7. Clock Generator Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
CLOCK GENERATOR
This pin is multiplexed between the PLL1 clock generator and GPIO.
CLK_OUT0/
K1
I/O/Z
DVDD18
For the PLL1 clock generator, it is clock output CLK_OUT0. This is configurable for
GPIO48
13.5 MHz or 27 MHz clock outputs.
CLK_OUT1/
This pin is multiplexed between the USB clock generator, timer, and GPIO.
TIM_IN/
E19
I/O/Z
DVDD18
For the USB clock generator, it is clock output CLK_OUT1. This is configurable for
GPIO49
12 MHz or 24 MHz clock outputs.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
Table 2-8. RESET and JTAG Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
RESET
IPU
RESET
L4
I
This is the active low global reset input.
DVDD18
JTAG
IPU
TMS
E6
I
JTAG test-port mode select input
DVDD18
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal
28
Device Overview
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com