Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 79 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 75Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 76Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 77Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 78Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 79Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 80Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 81Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 82Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
3.5.6.6
Timer0 Input, CLK_OUT1, and GPIO Pin Multiplexing
The multiplexing of the CLK_OUT1 and Timer0 Input (Timer 0 only) functions is shown in Table 3-25.
Table 3-25. Timer0 Input, CLK_OUT1, and GPIO Pin Multiplexing
PINMUX1 REGISTER BIT FIELDS
MULTIPLEXED PINS
CLK_OUT1/
TIMIN
CLK1
TIM_IN/
GPIO[49]
0
0
GPIO[49]
0
1
CLK_OUT1
1
-
TIM_IN
3.5.6.7
ASP, SPI, I2C, ATA, and GPIO Pin Multiplexing
When the ASP, SPI, or I2C serial port functions are not selected, their pins may be used as GPIOs as
seen in Table 3-26, Table 3-27, and Table 3-28. The SPI_EN1 pin can also function as the HDDIR buffer
control when ATAEN is selected and the HDIREN bit is set.
Table 3-26. ASP and GPIO Pin Multiplexing
PINMUX1 REGISTER BIT FIELD
MULTIPLEXED PINS
CLKX/
CLKR/
FSX/
FSR/
DX/
DR/
ASP
GPIO[29]
GPIO[30]
GPIO[31]
GPIO[32]
GPIO[33]
GPIO[34]
0
GPIO[29]
GPIO[30]
GPIO[31]
GPIO[32]
GPIO[33]
GPIO[34]
1
CLKX
CLKR
FSX
FSR
DX
DR
Table 3-27. SPI and GPIO Pin Multiplexing
PINMUX0 AND PINMUX1 REGISTER BIT FIELDS
MULTIPLEXED PINS
SP_EN1/
SPI_DO/
SPI_DI/
SPI_CLK/
SPI_EN0/
SPI
ATAEN
HDIREN
HDDIR/
GPIO[41]
GPIO[40]
GPIO[39]
GPIO[37]
GPIO[42]
0
0
0
GPIO[42]
GPIO[41]
GPIO[40]
GPIO[39]
GPIO[37]
0
0
1
Driven Low
GPIO[41]
GPIO[40]
GPIO[39]
GPIO[37]
0
1
0
GPIO[42]
GPIO[41]
GPIO[40]
GPIO[39]
GPIO[37]
0
1
1
HDDIR
GPIO[41]
GPIO[40]
GPIO[39]
GPIO[37]
1
0
0
SP_EN1
SPI_DO
SPI_DI
SPI_CLK
SPI_EN0
1
0
1
Driven Low
SPI_DO
SPI_DI
SPI_CLK
SPI_EN0
1
1
0
SP_EN1
SPI_DO
SPI_DI
SPI_CLK
SPI_EN0
1
1
1
HDDIR
SPI_DO
SPI_DI
SPI_CLK
SPI_EN0
Table 3-28. I2C and GPIO Pin Multiplexing
PINMUX1 REGISTER
MULTIPLEXED PINS
BIT FIELD
I2C_CLK/
I2C_DATA/
I2C
GPIO[43]
GPIO[44]
0
GPIO[43]
GPIO[44]
1
I2C_CLK
I2C_DATA
Copyright © 2005–2010, Texas Instruments Incorporated
Device Configurations
79
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com