Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 52 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 48Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 49Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 50Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 51Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 52Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 53Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 54Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 55Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 2-29. Supply Terminal Functions
SIGNAL
TYPE(1)
OTHER
DESCRIPTION
NAME
NO.
SUPPLY VOLTAGE PINS
F10
F11
3.3 V I/O supply voltage
DVDD33
S
(see Section 6.3.1.2, Power-Supply Decoupling, of this data manual)
F12
F13
N5
G15
F14
J15
H14
K14
M14
L13
G9
1.8 V I/O supply voltage
DVDD18
S
(see Section 6.3.1.2, Power-Supply Decoupling, of this data manual)
F8
E7
G7
J7
L7
F6
H6
K6
M6
T5
P6
N7
P8
N9
R9
P10
1.8 V DDR2 I/O supply voltage
DVDDR2
S
(see Section 6.3.1.2, Power-Supply Decoupling, of this data manual)
N11
R11
P12
N13
R13
P14
R15
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
52
Device Overview
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com