Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 66 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 62Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 63Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 64Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 65Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 66Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 67Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 68Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 69Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
3.4
Configurations at Reset
The following sections give information on configuration settings for the device at reset.
3.4.1
Device Configuration at Device Reset
Table 3-8 shows a summary of device inputs required for booting the ARM and DSP, and configuring
EMIFA data and address bus widths for proper operation of the device at the rising edge of the RESET
input.
Table 3-8. Device Configurations (Input Pins Sampled at Reset)
DEVICE SIGNALS
DEVICE SIGNAL NAME
SAMPLED
DESCRIPTION
AFTER RESET
AT RESET
BTSEL[1:0]
COUT[1:0]
ARM Boot mode selection pins.
‘00’ indicates ARM boots from ROM (NAND/SPI Flash).
‘01’ indicates that ARM boots from EMIFA (NOR Flash).
‘10’ indicates that the ARM boots from the HPI (ROM)
‘11’ indicates that ARM boots from ROM (UART0).
DSP_BT
COUT3
DSP Boot mode selection pin.
‘0’ sets ARM boot of C64x+.
‘1’ sets C64x+ self boot.
EM_WIDTH
COUT2
EMIFA data bus width selection pin.
‘0’ sets EMIFA to 8-bit data bus width
‘1’ sets EMIFA to 16-bit data bus width.
AEAW[4:0]
YOUT[4:0]
EMIFA address bus width selection pins for EMIFA address pins multiplexed with GPIO.
See the GPIO and EMIFA Multiplexing tables (Table 3-9, Table 3-10, and Table 3-11) for
details.
3.4.2
Peripheral Selection at Device Reset
As briefly mentioned in Table 3-8, the state of the AEAW[4:0] pins captured at reset configures the
number of EMIFA address pins required for device boot. These values are stored in the AEAW field of the
PINMUX0 register. At reset, this provides proper addressing for external boot. Unused address pins are
available for use as GPIO. The register settings are software programmable after reset. Table 3-9,
Table 3-10, and Table 3-11 show the AEAW[4:0] bit settings and the corresponding multiplexing for
EMIFA address and GPIO pins.
The number of EMIFA address bits enabled is configurable from 0 to 23. EM_BA[1] and EM_A[21:0] pins
that are not assigned to another peripheral and not enabled as address signals become GPIO pins. The
enabled address pins are always contiguous from EM_BA[1] upwards and address bits cannot be skipped.
The exception to this are the EM_A[2:1] pins. EM_A[2:1] are usable as the ALE and CLE signals for the
NAND Flash mode of EMIFA and are always enabled as EMIFA pins. If an address width of 0 is selected,
this still allows a NAND Flash to be accessed. Also, selecting an address width of 2, 3, or 4 (AEAW[4:0] =
00010, 00011, or 00100) always results in 4 address outputs. For these and other address bit enable
settings, see the GPIO and EMIFA Multiplexing tables (Table 3-9, Table 3-10, and Table 3-11).
66
Device Configurations
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com