Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 47 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 43Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 44Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 45Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 46Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 47Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 48Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 49Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 50Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 2-24. ATA/CF Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
ATA/CF
SPI_EN1/
This pin is multiplexed between SPI, ATA, and GPIO.
HDDIR/
B2
I/O/Z
DVDD18
For ATA, it is buffer direction control output HDDIR.
GPIO42
GPIO50/
This pin is multiplexed between GPIO and ATA/CF.
J5
O
DVDD18
ATA_CS0
In ATA mode, it is ATA/CF chip select output ATA_CS0.
GPIO51/
This pin is multiplexed between GPIO and ATA/CF.
H1
O
DVDD18
ATA_CS1
In ATA mode, it is ATA/CF chip select output ATA_CS1.
EM_R/W/
This pin is multiplexed between EMIFA, ATA/CF, and HPI.
INTRQ/
G3
I
DVDD18
For ATA/CF, it is interrupt request input INTRQ.
H/W
EM_WAIT/
(RDY/BSY)/
IPU
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
F1
I
IORDY/
DVDD18
For ATA/CF, it is IO Ready input IORDY.
HRDY
EM_OE/
( RE )/
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
( IORD )/
H4
O
DVDD18
For CF, it is read strobe output (IORD).
DIOR/
For ATA, it is read strobe output DIOR.
HDS1
EM_WE
(WE)
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
(IOWR)/
G2
O
DVDD18
For CF, it is write strobe output (IOWR).
DIOW/
For ATA, it is write strobe output DIOW.
HDS2
DMACK/
This pin is multiplexed between ATA/CF and UART1.
H3
O
DVDD18
UART_TXD1
For ATA/CF, it is DMA acknowledge output DMACK.
DMARQ/
IPD
This pin is multiplexed between ATA/CF and UART1.
G1
O
UART_RXD1
DVDD18
For ATA/CF, it is DMA request DMARQ input.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
47
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com