Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 80 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 76Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 77Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 78Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 79Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 80Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 81Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 82Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 83Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
3.5.6.8
PWM, RGB888, and GPIO Pin Multiplexing
Table 3-29 shows the PWM0/1/2 pin multiplexing. Each PWM output is independently controlled by its
own enable bit. The PWM function has priority over RGB888 muxing [see Section 3.5.6.3, VPBE (RGB666
and RGB888) and GPIO Pin Multiplexing].
Table 3-29. PWM0/1/2, RGB888, and GPIO Pin Multiplexing
PINMUX1 REGISTER BIT FIELDS
MULTIPLEXED PINS
PWM2/
PWM1/
PWM0/
PWM2
PWM1
PWM0
RGB888
B2/
R2/
GPIO[45]
GPIO[47]
GPIO[46]
0
0
0
0
GPIO[47]
GPIO[46]
GPIO[45]
0
0
0
1
B2
R2
GPIO[45]
-
-
1
-
-
-
PWM0
-
1
-
-
-
PWM1
-
1
-
-
-
PWM2
-
-
3.5.6.9
UART, VPFE, ATA, and GPIO Pin Multiplexing
Each UART has independent pin multiplexing control bits in the PINMUX1 register. The UART2 peripheral
may be used with or without the flow control signals. Table 3-30 shows how UART2 selection reduces the
width of the VPFE interface.
Setting the UART1 bit enables UART1 transmit and receive pin functionality. Since these are shared with
the ATA DMA handshake signals, enabling UART1 effectively disables the ATA DMA mode. However,
ATA PIO mode is still supported with UART1 enabled. This is shown in Table 3-31. If the ATA module is
not enabled, the pins are always configured for use by UART1.
Table 3-30. UART2, VPFE, and GPIO Pin Multiplexing
PINMUX1 REGISTER
MULTIPLEXED PINS
BIT FIELDS
CCD[15]/
CCD[14]/
CCD[13]/
CCD[12]/
UART2
U2FLO
CI[7]/
CI[6]/
CI[5]/
CI[4]/
UART_RXD2
UART_TXD2
UART_CTS2
UART_RTS2
CCD[15]/
CCD[14]/
CCD[13]/
CCD[12]/
0
-
CI[7](1)
CI[6](1)
CI[5](1)
CI[4](1)
UART_RXD2
UART_TXD2
CCD[13]/
CCD[12]/
1
0
CI[5](1)
CI[4](1)
1
1
UART_RXD2
UART_TXD2
UART_CTS2
UART_RTS2
(1)
Functionality set by VPFE operating mode.
Table 3-31. UART1 and ATA Pin Multiplexing
PINMUX0 AND PINMUX1 REGISTER
MULTIPLEXED PINS
BIT FIELDS
UART_TXD1/
UART_RXD1/
ATAEN
UART1
DMACK
DMARQ
0
-
UART_TXD1
UART_RXD1
1
0
DMACK
DMARQ
1
1
UART_TXD1
UART_RXD1
80
Device Configurations
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com