Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 64 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 60Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 61Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 62Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 63Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 64Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 65Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 66Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 67Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
3.3.1.2
DSPBOOTADDR Register Description
The DSPBOOTADDR register contains the upper 22 bits of the C64x+ DSP reset vector. The register
format is shown in Figure 3-4 and bit field descriptions are shown in Table 3-5. DSPBOOTADDR is
readable and writable by software after reset.
Figure 3-4. DSPBOOTADDR Register
31
10
9
0
BOOTADDR[21:0]
RESERVED
R- 0100 0010 0010 0000 0000 00
R-00 0000 0000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 3-5. DSPBOOTADDR Register Description
NAME
DESCRIPTION
BOOTADDR[21:0]
Upper 22 bits of the C64x+ DSP boot address.
3.3.2
ARM Boot
The DM6446 ARM can boot from EMIFA, internal ROM (NAND, SPI), UART0, or HPI, as determined by
the setting of the BTSEL[1:0] pins. The BTSEL[1:0] pins are read by the ARM ROM Boot Loader (RBL) to
further define the ROM boot mode. The ARM boot modes are summarized in Table 3-6.
Table 3-6. ARM Boot Modes
BTSEL1
BTSEL0
BOOT MODE
ARM RESET
BRIEF DESCRIPTION
VECTOR
0
0
ARM NAND, SPI RBL
0x0000 4000
Up to 14 K-bytes secondary boot loader through NAND with up
to 2 K-bytes page sizes.
0
1
ARM EMIFA External Boot
0x0200 0000
EMIFA EM_CS2 external memory space.
1
0
ARM HPI RBL
0x0000 4000
Up to 14 K-btyes secondary boot loader through an external
host.
1
1
ARM UART RBL
0x0000 4000
Up to 14 K-bytes secondary boot loader through UART0.
When the BTSEL[1:0] pins are set to the ARM EMIFA External Boot ("01"), the ARM immediately begins
executing code from the EMIFA EM_CS2 memory space (0x0200 0000). When the BTSEL[1:0] pins
indicate a condition other than the ARM EMIFA External Boot (!01), the RBL begins execution.
ARM NAND/SPI Boot mode has the following features:
Loads a secondary User Boot Loader (UBL) from NAND/SPI flash to ARM Internal RAM (AIM) and
transfers control to the user software.
Support for NAND with page sizes up to 8192 bytes.
Support for error correction when loading UBL
Support for up to 14KB UBL
Optional, user selectable, support for use of DMA, I-cache, and PLL enable while loading UBL
ARM UART Boot mode has the following features:
Loads a secondary UBL via UART0 to AIM and transfers control to the user software.
Support for up to 14KB UBL
ARM HPI Boot Mode has the following features:
No support for a full firmware boot. Instead, waits for external host to load a secondary UBL via HPI to
AIM and transfers control to the user software.
Support for up to 14KB UBL.
For further details on the ROM Bootloader, see the TMS320DM644x DMSoC ARM Subsystem Reference
Guide (literature number SPRUE14).
64
Device Configurations
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com