Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 5Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 6Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 7Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 8Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 9Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 10Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 11Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 12Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
2
Device Overview
2.1
Device Characteristics
Table 2-1 provides an overview of the TMS320DM6446 SoC. The table shows significant features of the
device, including the capacity of on-chip RAM, peripherals, internal peripheral bus frequency relative to the
C64x+ DSP, and the package type with pin count.
Table 2-1. Characteristics of the Processor
HARDWARE FEATURES
DM6446
DDR2 Memory Controller
DDR2 (16/32-bit bus width)
Asynchronous (8/16-bit bus width) RAM, Flash
Asynchronous EMIF (EMIFA)
(NOR, NAND)
Compact Flash
Flash Cards
MMC/SD with secure data input/output (SDIO)
SmartMedia/xD
64 independent channels
EDMA3
8 QDMA channels
2 64-Bit General Purpose (each configurable as 2
Timers
separate 32-bit timers)
1 64-Bit Watchdog
UART
3 (one with RTS and CTS flow control)
Peripherals
SPI
1 (supports 2 slave devices)
Not all peripherals pins are
I2C
1 (Master/Slave)
available at the same time.
Audio Serial Port [ASP]
1
(For more details, see
Section 3, Device
10/100 Ethernet MAC with Management Data
1
Configurations).
Input/Output
VLYNQ
1
HPI
1 (16-bit multiplexed address/data)
General-Purpose Input/Output Port
Up to 71
PWM
3 outputs
ATA/CF
1 (ATA/ATAPI-6)
1 Input (VPFE)
Configurable Video Ports
1 Output (VPBE)
High Speed Device
USB 2.0
High Speed Host
VICP
1
Size (Bytes)
160KB RAM, 8KB ROM
DSP
32KB L1 Program (L1P)/Cache (up to 32KB)
80KB L1 Data (L1D)/Cache (up to 32KB)
64KB Unified Mapped RAM/Cache (L2)
On-Chip Memory
Organization
ARM
16KB I-cache
8KB D-cache
16KB RAM
8KB ROM
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x1000
C64x+ Megamodule
Revision ID Register (MM_REVID[15:0])
0x0000 (Silicon Revisions 1.3 and earlier)
Revision
(address location: 0x0181 2000)
0x0003 (Silicon Revisions 2.1 and later)
JTAGID Register
0x0B70 002F (Silicon Revisions 1.3 and earlier)
JTAG BSDL_ID
(address location: 0x01C4 0028)
0x1B70 002F (Silicon Revisions 2.1 and later)
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com