Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 71 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 67Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 68Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 69Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 70Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 71Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 72Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 73Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 74Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Figure 3-6. MSTPRI1 Register
31
23
22
20
19
18
16
RESERVED
HPIP
RSV
VLYNQP
R-0000 0000 0
R/W-100
R-0
R/W-100
15
14
12
11
10
8
7
6
4
3
2
0
RSV
ATAP
RSV
USBP
RSV
RESERVED
RSV
EMACP
R-0
R/W-100
R-0
R/W-100
R-0
R-100
R-0
R/W-100
LEGEND: R = Read; W = Write; -n = value after reset
3.5.2
Multiplexed Pin Configurations
There are numerous multiplexed pins that are shared by more than one peripheral. Some of these pins
are configured by external pullup/pulldown resistors only at reset, and others are configured by software.
As described in detail in Section 3.4.1 (Device Configuration at Device Reset) and Section 3.4.2
(Peripheral Selection at Device Reset), hardware configurable multiplexed pins are programmed by
external pullup/pulldown resistors at reset to set the initial functionality of pins for use by a single
peripheral. After reset, software configurable multiplexed pins are programmable through Memory Mapped
Registers (MMR) to allow the switching of pin functionalities during run-time. See Section 3.5.3, Peripheral
Selection After Device Reset, for more details on the register settings.
A summary of the pin multiplexing is shown in Table 3-13. The EMAC peripheral shares pins with the 3.3V
GPIO pins. The VLYNQ pins overlap upper EMIFA address pins resulting in a reduced EMIFA address
range as the VLYNQ width is increased. The ATA peripheral shares data lines and some control signals
with EMIFA. The ATA DMA pins are multiplexed with UART1. The ASP, UART0/1/2, SPI, I2C, and
PWM0/1/2 all default to GPIO pins when not enabled. The VPBE function of the VPSS requires additional
pins to implement the RGB888 mode, these are multiplexed with GPIOs.
Table 3-13. DM6446 Multiplexed Peripheral Pins and Multiplexing Controls
PRIMARY
SECONDARY
TERTIARY
MULTIPLEXED
SECONDARY(1)
TERTIARY(2)
(DEFAULT)
REGISTER/PIN(3)
REGISTER/PIN(3)
PERIPHERALS
FUNCTION
FUNCTION
FUNCTION
CONTROL
CONTROL
EMIFA (NAND), HPI EMIFA (NAND):
HPI:
PinMux0:HPIEN,
EM_A[1] (ALE),
HHWIL, HCNTL0,
Pins:BTSEL[1:0] = 10
EM_A[2] (CLE),
HCS
EM_CS2, EM_CS3
EMIFA, HPI, ATA
EMIFA:
ATA (CF):
HPI:
PinMux0:ATAEN
PinMux0:HPIEN,
(CF)
EM_D[0:15],
DD[0:15], DA0
HD[0:15], HINT
Pins:BTSEL[1:0] = 10
EM_BA[0]
EMIFA (NAND),
EMIFA (NAND):
ATA (CF):
HPI:
PinMux0:ATAEN
PinMux0:HPIEN,
HPI, ATA (CF)
R/W, EM_WAIT
INTRQ, IORDY,
HR/W, HRDY, HDS1,
Pins:BTSEL[1:0] = 10
(RDY/BSY),
DIOR(IORD) ,
HDS2
EM_OE (RE),
DIOW (IOWR)
EM_WE (WE)
VPBE LCD, GPIO
GPIO:GPIO[0]
VPBE: LCD_OE
PinMux0:LOEEN
VPFE CCD, GPIO
GPIO:GPIO[1]
VPFE: C_WE
PinMux0:CWE
VPBE RGB888,
GPIO:GPIO[2]
VPBE:
PinMux0:RGB888
GPIO
RGB888 G0
VPBE
GPIO:GPIO[3]
VPBE:
VPBE:
PinMux0:RGB888
PinMux0:LFLDEN
LCD/RGB888, GPIO
RGB888 B0
LCD_FIELD
VPFE CCD, VPBE
GPIO:GPIO[4]
VPBE:
VPFE:
PinMux0:RGB888
PinMux0:CFLDEN
RGB888, GPIO
RGB888 R0
CCD_FIELD
(1)
When the Secondary function is enabled, to avoid potential contention, ensure that the Primary (if not GPIO) and Tertiary functions are
disabled.
(2)
When the Tertiary function is enabled, to avoid potential contention, ensure that the Primary (if not GPIO), Secondary, and other Tertiary
functions are disabled.
(3)
Pin states are sampled at power on reset and written into the register fields.
Copyright © 2005–2010, Texas Instruments Incorporated
Device Configurations
71
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com