Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 2Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 3Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 4Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 5Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 6Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 7Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 8Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 9Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
1
Digital Media System-on-Chip (DMSoC)
............ 1
6
Peripheral and Electrical Specifications
.......... 88
6.1
Parameter Information
.............................. 88
1.1
Features
.............................................. 1
6.2
Recommended Clock and Control Signal Transition
1.2
Description
........................................... 3
Behavior
............................................ 89
1.3
Functional Block Diagram
............................ 5
6.3
Power Supplies
..................................... 89
Revision History
.............................................. 7
6.4
Reset
............................................... 97
2
Device Overview
........................................ 9
6.5
External Clock Input From MXI/CLKIN Pin
........ 100
2.1
Device Characteristics
............................... 9
6.6
Clock PLLs
........................................ 102
6.7
Interrupts
.......................................... 109
2.2
Device Compatibility
................................ 10
6.8
General-Purpose Input/Output (GPIO)
............ 116
2.3
ARM Subsystem
.................................... 10
6.9
Enhanced Direct Memory Access (EDMA3)
2.4
DSP Subsystem
.................................... 15
Controller
.......................................... 119
2.5
Memory Map Summary
............................. 19
6.10
External Memory Interface (EMIF)
................ 131
2.6
Pin Assignments
.................................... 23
6.11
ATA/CF
............................................ 139
2.7
Terminal Functions
................................. 27
6.12
MMC/SD/SDIO
.................................... 153
2.8
Device Support
..................................... 56
6.13
Video Processing Sub-System (VPSS) Overview
3
Device Configurations
................................ 61
..................................................... 156
6.14
Host-Port Interface (HPI)
.......................... 179
3.1
System Module Registers
.......................... 61
6.15
USB 2.0
........................................... 182
3.2
Power Considerations
.............................. 62
6.16
Universal Asynchronous Receiver/Transmitter
3.3
Bootmode
........................................... 63
(UART)
............................................ 191
3.4
Configurations at Reset
............................ 66
6.17
Serial Peripheral Interface (SPI)
.................. 194
3.5
Configurations After Reset
......................... 70
6.18
Inter-Integrated Circuit (I2C)
...................... 198
3.6
Emulation Control
................................... 81
6.19
Audio Serial Port (ASP)
........................... 201
4
System Interconnect
.................................. 83
6.20
Ethernet Media Access Controller (EMAC)
....... 205
4.1
System Interconnect Block Diagram
............... 84
6.21
Management Data Input/Output (MDIO)
.......... 211
5
Device Operating Conditions
....................... 85
6.22
Timer
.............................................. 213
5.1
Absolute Maximum Ratings Over Operating Case
6.23
Pulse Width Modulator (PWM)
.................... 215
Temperature Range
6.24
VLYNQ
............................................ 217
(Unless Otherwise Noted)
................................. 85
6.25
IEEE 1149.1 JTAG
................................ 221
5.2
Recommended Operating Conditions
.............. 86
7
Mechanical Packaging and Orderable
5.3
Electrical Characteristics Over Recommended
Information
............................................ 223
Ranges of Supply Voltage and Operating Case
7.1
Thermal Data for ZWT
............................ 223
Temperature (Unless Otherwise Noted)
............ 87
7.2
Packaging Information
............................ 223
6
Contents
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com