Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 1 Page - Texas Instruments

  TNETV6446AINZWT Datasheet HTML 1Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 2Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 3Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 4Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 5Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 6Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 7Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 8Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
TMS320DM6446
Digital Media System-on-Chip
Check for Samples: TMS320DM6446
1
Digital Media System-on-Chip (DMSoC)
1.1
Features
12
• High-Performance Digital Media SoC
• C64x+ L1/L2 Memory Architecture
– 513-, 594-, 810-MHz C64x+™ Clock Rates
– 32K-Byte L1P Program RAM/Cache (Direct
Mapped)
– 256.5-, 297-, 405-MHz ARM926EJ-S™ Clock
Rates
– 80K-Byte L1D Data RAM/Cache (2-Way
Set-Associative)
– Eight 32-Bit C64x+ Instructions/Cycle
– 64K-Byte L2 Unified Mapped RAM/Cache
– 4104, 4752, 6480 C64x+ MIPS
(Flexible RAM/Cache Allocation)
– Fully Software-Compatible With C64x /
• ARM926EJ-S Core
ARM9™
– Support for 32-Bit and 16-Bit (Thumb®
– Extended Temperature Devices Available
Mode) Instruction Sets
• Advanced Very-Long-Instruction-Word (VLIW)
– DSP Instruction Extensions and Single Cycle
TMS320C64x+™ DSP Core
MAC
– Eight Highly Independent Functional Units
– ARM® Jazelle® Technology
Six ALUs (32-/40-Bit), Each Supports
– EmbeddedICE-RT™ Logic for Real-Time
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
Debug
Arithmetic per Clock Cycle
• ARM9 Memory Architecture
Two Multipliers Support Four 16 x 16-Bit
Multiplies (32-Bit Results) per Clock
– 16K-Byte Instruction Cache
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
– 8K-Byte Data Cache
Results) per Clock Cycle
– 16K-Byte RAM
– Load-Store Architecture With Non-Aligned
– 8K-Byte ROM
Support
• Embedded Trace Buffer™ (ETB11™) With 4KB
– 64 32-Bit General-Purpose Registers
Memory for ARM9 Debug
– Instruction Packing Reduces Code Size
• Endianness: Little Endian for ARM and DSP
– All Instructions Conditional
• Video Imaging Co-Processor (VICP)
– Additional C64x+™ Enhancements
• Video Processing Subsystem
Protected Mode Operation
– Front End Provides:
Exceptions Support for Error Detection
CCD and CMOS Imager Interface
and Program Redirection
BT.601/BT.656 Digital YCbCr 4:2:2
Hardware Support for Modulo Loop
(8-/16-Bit) Interface
Operation
Preview Engine for Real-Time Image
• C64x+ Instruction Set Features
Processing
– Byte-Addressable (8-/16-/32-/64-Bit Data)
Glueless Interface to Common Video
– 8-Bit Overflow Protection
Decoders
– Bit-Field Extract, Set, Clear
Histogram Module
– Normalization, Saturation, Bit-Counting
Auto-Exposure, Auto-White Balance and
– Compact 16-Bit Instructions
Auto-Focus Module
– Additional Instructions to Support Complex
Resize Engine
Multiplies
Resize Images From 1/4x to 4x
Separate Horizontal/Vertical Control
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TNETV6446AINZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETV6421INZDU4 TI1-TNETV6421INZDU4 Datasheet
1Mb / 222P
Fixed-Point Digital Signal Processor
TNETV6435INZWTQ5 TI1-TNETV6435INZWTQ5 Datasheet
2Mb / 252P
Digital Media Processor
TNETV6437INZWTQ5 TI1-TNETV6437INZWTQ5 Datasheet
2Mb / 306P
Digital Media Processor
More results

Similar Description - TNETV6446AINZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
Digital Media System-on-Chip
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com