Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 90 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 86Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 87Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 88Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 89Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 90Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 91Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 92Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 93Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 227 page
background image
CV
DD
CV
DDDSP
CV
DD
DV
DDXX
(A)
Note A:DV
denotesallI/Osupplies.
DDXX
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-1. Core Supply Power-On Timing Requirements for DSP Host-Boot Mode (see Figure 6-4)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
1
td(CVDD-CVDDDSP)
Delay time, CVDD supply ready to CVDDDSP supply ramp start
0
(1)
ns
(1)
In Host-Boot mode, the CVDDDSP supply must be powered up prior to closing (enabling) the shorting switch between the ALWAYS ON
and DSP power domains.
Figure 6-4. DSP Host-Boot Mode Core Supply Timings
Once the CVDD supply has been powered up, the I/O supplies may be powered up. Table 6-2 and
Figure 6-5 show the power-on sequence timing requirements for the Core vs. I/O power-up. DVDDXX is
used to denote all I/O supplies. Note: the DVDDXX supply power-up is specified relative to the CVDD supply
power-up, not the CVDDDSP supply.
Table 6-2. I/O Supply Power-On Timing Requirements (see Figure 6-5)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
1
td(CVDD-DVDD)
Delay time, CVDD supply ready to DVDDXX supply ramp start
0
100
ms
Figure 6-5. I/O Supply Timings
There is not a specific power-up sequence that must be followed with respect to the order of the power-up
of the DVDD18, DVDDR2, and DVDD33 supplies. Once the CVDD supply is powered up and the td(CVDD-DVDDXX)
specification is met, the DVDD18, DVDDR2, and DVDD33 supplies may be powered up in any order of
preference. All other supplies may also be powered up in any order of preference once the td(CVDD-DVDDXX)
specification has been met.
90
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com