Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 91 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 87Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 88Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 89Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 90Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 91Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 92Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 93Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 94Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
6.3.1.1
Power-Supply Design Considerations
Core and I/O supply voltage regulators should be located close to the DSP (or DSP array) to minimize
inductance and resistance in the power delivery path. Additionally, when designing for high-performance
applications utilizing the DM6446 device, the PC board should include separate power planes for core,
I/O, and ground, all bypassed with high-quality low-ESL/ESR capacitors.
6.3.1.2
Power-Supply Decoupling
In order to properly decouple the supply planes from system noise, place as many capacitors (caps) as
possible close to DM6446. Assuming 0603 caps, the user should be able to fit a total of 60 caps, 30 for
the core supplies and 30 for the I/O supplies. These caps need to be close to the DM6446 power pins, no
more than 1.25 cm maximum distance to be effective. Physically smaller caps, such as 0402, are better
because of their lower parasitic inductance. Proper capacitance values are also important. Small bypass
caps (near 560 pF) should be closest to the power pins. Medium bypass caps (220 nF or as large as can
be obtained in a small package) should be next closest. TI recommends no less than 8 small and
8 medium caps per supply be placed immediately next to the BGA vias, using the "interior" BGA space
and at least the corners of the "exterior".
Larger caps for each supply can be placed further away for bulk decoupling. Large bulk caps (on the order
of 100 mF) should be furthest away, but still as close as possible. Large caps for each supply should be
placed outside of the BGA footprint.
Any cap selection needs to be evaluated from a yield/manufacturing point-of-view. As with the selection of
any component, verification of capacitor availability over the product’s production lifetime should be
considered.
6.3.1.3
DM6446 Power and Clock Domains
DM6446 includes two separate power domains: "Always On" and "DSP". The "Always On" power domain
is always on when the chip is on. The "Always On" domain is powered by the VDD pins of the DM6446.
The majority of the DM6446's modules lie within the "Always On" power domain. A separate domain called
the "DSP" domain houses the C64x+ and VICP. The "DSP" domain is not always on. The "DSP" power
domain is powered by the CVDDDSP pins of the DM6446. Table 6-3 provides a listing of the DM6446 power
and clock domains.
Two primary reference clocks are required for the DM6446 device. These can either be crystal input or
driven by external oscillators. A 27-MHz crystal is recommended for the system PLLs, which generate the
internal clocks for the ARM, DSP, coprocessors, peripherals (including imaging peripherals), and EDMA3.
The recommended 27-MHz input enables the use of the video DACs to drive NTSC/PAL television signals
at the proper frequencies. A 24-MHz crystal is also required if the USB peripheral is to be used. For
further description of the DM6446 clock domains, see Table 6-4 (DM6446 Clock Domains) and Figure 6-6
(PLL1 and PLL2 Clock Domain Block Diagram).
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
91
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com