Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 93 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 89Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 90Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 91Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 92Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 93Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 94Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 95Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 96Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 227 page
background image
DSP Subsystem
ARM Subsystem
VICP
SYSCLK1
SYSCLK2
SYSCLK5
SCR
EDMA3
VPFE
VPBE
DACs
DDR2 PHY
DDR2 VTP
DDR2 Mem Ctlr
PLLDIV1 (/10)
PLLDIV2 (/2)
BPDIV
PLL Controller 2
PLL Controller 1
PLLDIV3 (/3)
PLLDIV5 (/6)
PLLDIV2 (/2)
PLLDIV1 (/1)
SYSCLK3
Bypass Clock
UARTs (x3)
I2C
Timers (x3)
ATA/CF
EMIF/NAND
EMAC
VLYNQ
MMC/SD
SPI
GPIO
ASP
HPI
USB 2.0
USB PHY
60 MHz
24 MHz
27 MHz
PCLK
VPBECLK
PLLDIV4 (/4)
ARM INTC
PWMs (x3)
PLLDIV1 (/1)
PLLDIV2 (/2)
PLLDIV4 (/4)
PLLDIV3 (/3)
PLLDIV5 (/6)
SYSCLK1
SYSCLK2
SYSCLK4
SYSCLK3
SYSCLK5
1
0
Post−DIV
PLLM
PLL
0
1
BPDIV
CLKMODE
CLKIN
OSCIN
PLLEN
AUXCLK
SYSCLKBP
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Figure 6-6. PLL1 and PLL2 Clock Domain Block Diagram
For further detail on PLL1 and PLL2, see the structure block diagrams Figure 6-7 and Figure 6-8,
respectively.
Figure 6-7. PLL1 Structure Block Diagram
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
93
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com